Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 16 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 16 Page - ams AG

Back Button AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
16 - 20
AS8202NF TTP-C2NF
Data Sheet - Deta iled Description
TTP Synchronous Bus Interface
When in synchronous mode of operation, the bus unit uses a synchronous transfer method to transfer data at a rate
between 5 and 25 Mbit/s. The interface is designed to run at 25 Mbit/s and to be gluelessly compatible with the
commercial 100 Mbit/s Ethernet MII (Media Independent Interface) according to IEEE standard 802.3 (Ethernet CSMA/
CD).
Connecting the synchronous TTP bus unit to a 100 Mbit/s Ethernet PHY is done by connecting TxD, CTS, TxCLK,
RXER, RXCLK, RxDV and RxD of any channel to TxD0TxD0, TxEN, TxCLK, RXER, RXCLK, RxDV and RxD0 of the
PHY's MII. The pins TxD1, TxD2 and TxD3 of the PHY's MII should be linked to VSS. The signals RxD1, RxD2, RxD3,
COL and CRS as well as the MMII (Management Interface) should be left open or can be used for diagnostic purposes
by the application.
Note that the frames sent by the AS8202NF are not Ethernet compatible and that an Ethernet Hub (not a Switch) can
be used as a 'star coupler' for proper operation. Also note that the Ethernet PHY must be configured for Full Duplex
operation (even though the Hub does not support full duplex), because TTP has its own collision management that
should not interfere with the PHY's Half-Duplex collision management. In general, the PHY must not be configured for
automatic configuration ('Auto negotiation') but be hard-configured for 100 Mbit/s, Full Duplex operation.
Note: To run the interface at a rate other than 25 Mbit/s other transceiver PHY components have to be used.
Test Interface
The Test Interface supports the manufacturing test and characterization of the chip. In the application environment test
pins have to be connected as following:
STEST, FTEST, FIDIS: connect to VSS
TTEST: connect to VDD
Warning: Any other connection of these pins may cause permanent damage to the device and to additional devices
of the application.
Table 13. Synchronous Bus Interface Connections
Pin Name
Mode
Connect to PHY
Note
TxD[0]
out
TxD0TxD0
Transmit data channel 0
CTS[0]
out
TxEN
Transmit enable channel 0
TxCLK[0]
in
TxCLK
Transmit clock channel 0
RXER[0]
in
RXER
Receive error channel 0
RXCLK[0]
in
RXCLK
Receive clock channel 0
RxDV[0]
in
RxDV
Receive data valid channel 0
RxD[0]
in
RxD0
Receive data channel 0
TxD[1]
out
TxD0
Transmit data channel 1
CTS[1]
out
TxEN
Transmit enable channel 1
TxCLK[1]
in
TxCLK
Transmit clock channel 1
RXER[1]
in
RXER
Receive error channel 1
RXCLK[1]
in
RXCLK
Receive clock channel 1
RxDV[1]
in
RxDV
Receive data valid channel 1
RxD[1]
in
RxD0
Receive data channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com