Electronic Components Datasheet Search
  English  ▼

X  

MAX5952 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5952
Description  High-Power, Quad, PSE Controller for Power-Over-Ethernet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5952 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5952 Datasheet HTML 9Page - Maxim Integrated Products MAX5952 Datasheet HTML 10Page - Maxim Integrated Products MAX5952 Datasheet HTML 11Page - Maxim Integrated Products MAX5952 Datasheet HTML 12Page - Maxim Integrated Products MAX5952 Datasheet HTML 13Page - Maxim Integrated Products MAX5952 Datasheet HTML 14Page - Maxim Integrated Products MAX5952 Datasheet HTML 15Page - Maxim Integrated Products MAX5952 Datasheet HTML 16Page - Maxim Integrated Products MAX5952 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
High-Power, Quad, PSE Controller
for Power-Over-Ethernet
______________________________________________________________________________________
13
Pin Description (continued)
PIN
NAME
FUNCTION
7–10
A3–A0
Address Bits. A3–A0 form the lower part of the device’s address. Address inputs default high with an
internal 50k
Ω pullup resistor to VDD. The address values latch when VDD or VEE ramps up and exceeds
its UVLO threshold or after a reset. The 3 MSBs of the address are set to 010.
11–14
DET1–DET4
Detection/Classification Voltage Outputs. Use DET1 to set the detection and classification probe voltages
on port 1. Use DET1 for the AC voltage sensing of port 1 when using the AC disconnect scheme (see the
Typical Operating Circuits).
15
DGND
Digital Ground. Connect to digital ground.
16
VDD
Positive Digital Supply. Connect to a digital power supply (reference to DGND).
17– 20
SHD1–SHD4
Port Shutdown Inputs. Pull SHD_ low to turn off the external FET on port_. Internally pulled up to VDD with
a 50k
Ω resistor.
21
AGND
Analog Ground. Connect to the high-side analog supply.
22, 25,
29, 32
SENSE4,
SENSE3,
SENSE2,
SENSE1
MOSFET Source Current-Sense Negative Inputs. Connect to the source of the power MOSFET and
connect a current-sense resistor between SENSE_ and VEE (see the Typical Operating Circuits).
23, 26,
30, 33
GATE4,
GATE3,
GATE2,
GATE1
Port_ MOSFET Gate Drivers. Connect GATE_ to the gate of the external MOSFET (see the Typical
Operating Circuits).
24, 27,
31, 34
OUT4, OUT3,
OUT2, OUT1
MOSFET Drain-Output Voltage Senses. Connect OUT_ to the power MOSFET drain through a resistor
(100
Ω to 100kΩ). The low leakage at OUT_ limits the drop across the resistor to less than 100mV (see the
Typical Operating Circuits).
28
VEE
Low-Side Analog Supply Input. Connect the low-side analog supply to VEE (-48V). Bypass with a 1µF
capacitor between AGND and VEE.
35
AUTO
Auto or Shutdown Mode Input. Force AUTO high to enter auto mode after a reset or power-up. Drive low
to put the MAX5952 into shutdown mode. In shutdown mode, software controls the operational modes of
the MAX5952. A 50k
Ω internal pulldown resistor defaults to AUTO low. AUTO latches when VDD or VEE
ramps up and exceeds its UVLO threshold or when the device resets. Software commands can take the
MAX5952 out of AUTO while AUTO is high.
36
OSC
Oscillator Input. AC-disconnect detection function uses OSC. Connect a 100Hz ±10%, 2VP-P ±5%, +1.2V
offset sine wave to OSC. If the oscillator positive peak falls below the OSC_FAIL threshold of 2V, the ports
that have the AC function enabled shut down and are not allowed to power-up. When not using the AC-
disconnect detection function, leave OSC unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com