Electronic Components Datasheet Search
  English  ▼

X  

MAX5952 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5952
Description  High-Power, Quad, PSE Controller for Power-Over-Ethernet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5952 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5952 Datasheet HTML 17Page - Maxim Integrated Products MAX5952 Datasheet HTML 18Page - Maxim Integrated Products MAX5952 Datasheet HTML 19Page - Maxim Integrated Products MAX5952 Datasheet HTML 20Page - Maxim Integrated Products MAX5952 Datasheet HTML 21Page - Maxim Integrated Products MAX5952 Datasheet HTML 22Page - Maxim Integrated Products MAX5952 Datasheet HTML 23Page - Maxim Integrated Products MAX5952 Datasheet HTML 24Page - Maxim Integrated Products MAX5952 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
High-Power, Quad, PSE Controller
for Power-Over-Ethernet
______________________________________________________________________________________
21
Digital Logic
VDD supplies power for the internal logic circuitry. VDD
ranges from +3.0V to +5.5V and determines the logic
thresholds for the CMOS connections (SDAIN,
SDAOUT, SCL, AUTO, SHD_, A_). This voltage range
enables the MAX5952 to interface with a nonisolated
low-voltage microcontroller. The MAX5952 checks the
digital supply for compatibility with the internal logic.
The MAX5952 also features a VDD undervoltage lockout
(VDDUVLO) of +2.0V. A VDDUVLO condition keeps the
MAX5952 in reset and the ports shut off. Bit 0 in the
supply event register shows the status of VDDUVLO
(Table 12) after VDD has recovered. All logic inputs and
outputs reference to DGND. DGND and AGND must be
connected together externally. Connect DGND to
AGND at a single point in the system as close as possi-
ble to the MAX5952.
Hardware Shutdown
SHD_ shuts down the respective ports without using
the serial interface. Hardware shutdown offers an emer-
gency turn-off feature that allows a fast disconnect of
the power supply from the port. Pull SHD_ low to
remove power. SHD_ also resets the corresponding
events and status register bits.
Interrupt
The MAX5952 contains an open-drain logic output (INT)
that goes low when an interrupt condition exists. R00h
and R01h (Tables 6 and 7) contain the definitions of the
interrupt registers. The mask register R01h determines
events that trigger an interrupt. As a response to an inter-
rupt, the controller reads the status of the event register
to determine the cause of the interrupt and takes subse-
quent actions. Each interrupt event register also contains
a Clear on Read (CoR) register. Reading through the
CoR register address clears the interrupt. INT remains
low when reading the interrupt through the read-only
addresses. For example, to clear a startup fault on the
port 4 read address 09h (see Table 11). Use the global
pushbutton bit in register 1Ah (bit 7, Table 23) to clear
interrupts, or use a software or hardware reset.
Undervoltage and
Overvoltage Protection
The MAX5952 contains several undervoltage and over-
voltage protection features. Table 12 in the
Register
Map and Description section shows a detailed list of
the undervoltage and overvoltage protection features.
An internal VEE undervoltage lockout (VEEUVLO) circuit
keeps the MOSFET off and the MAX5952 in reset until
VAGND - VEE exceeds 29V for more than 3ms. An inter-
nal VEE overvoltage (VEE_OV) circuit shuts down the
ports when (VAGND - VEE) exceeds 60V. The digital
supply also contains an undervoltage lockout
(VDDUVLO). The MAX5952 also features three other
undervoltage and overvoltage interrupts: VEE undervolt-
age interrupt (VEEUV), VDD undervoltage interrupt
(VDDUV), and VDD overvoltage interrupt (VDDOV). A
fault latches into the supply events register (Table 12),
but the MAX5952 does not shut down the ports with
VEEUV, VDDUV, or VDDOV.
DC Disconnect Monitoring
Setting R13h[DCD_EN_] bits high enable DC load moni-
toring during a normal powered state. If VRS (the voltage
across RS) falls below the DC load disconnect threshold,
VDCTH, for more than tDISC, the device turns off power
and asserts the LD_DISC_ bit of the corresponding port.
AC Disconnect Monitoring
The MAX5952 features AC load disconnect monitoring.
Connect an external sine wave to OSC. The oscillator
requirements are:
1) VP-P x Frequency = 200VP-P x Hz ±15%
2) Positive peak voltage > +2V
3) Frequency > 60Hz
A 100Hz ±10%, 2VP-P ±5%, with +1.2V offset (VPEAK =
+2.2V typical) is recommended.
The MAX5952 buffers and amplifies 3x the external
oscillator signal and sends the signal to DET_, where
the sine wave is AC-coupled to the output. The
MAX5952 senses the presence of the load by monitor-
ing the amplitude of the AC current returned to DET_
(see the
Functional Diagram).
Setting R13h[ACD_EN_] bits high enable AC load dis-
connect monitoring during a normal powered state. If
the AC current peak at the DET_ input falls below IACTH
for more than tDISC, the device turns off power and
asserts the LD_DISC_ bit of the corresponding port.
IACTH is programmable using R23h[0-3].
An internal comparator checks for a proper amplitude
of the oscillator input. If the positive peak of the input
sinusoid falls below a safety value of 2V, OSC_FAIL
sets and the port shuts down. Power cannot be applied
to the ports when ACD_EN is set high and OSC_FAIL is
set high. Leave OSC unconnected or connect it to
DGND when not using AC-disconnect detection.
Thermal Shutdown
If the MAX5952 die temperature reaches +150°C, an
overtemperature fault generates and the MAX5952
shuts down. The MOSFETs turn off. The die tempera-
ture of the MAX5952 must cool down below 130°C to
remove the overtemperature fault condition. After a
thermal shutdown, the part is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com