Electronic Components Datasheet Search
  English  ▼

X  

MAX5952 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX5952
Description  High-Power, Quad, PSE Controller for Power-Over-Ethernet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5952 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX5952 Datasheet HTML 35Page - Maxim Integrated Products MAX5952 Datasheet HTML 36Page - Maxim Integrated Products MAX5952 Datasheet HTML 37Page - Maxim Integrated Products MAX5952 Datasheet HTML 38Page - Maxim Integrated Products MAX5952 Datasheet HTML 39Page - Maxim Integrated Products MAX5952 Datasheet HTML 40Page - Maxim Integrated Products MAX5952 Datasheet HTML 41Page - Maxim Integrated Products MAX5952 Datasheet HTML 42Page - Maxim Integrated Products MAX5952 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
High-Power, Quad, PSE Controller
for Power-Over-Ethernet
______________________________________________________________________________________
39
Table 29. High-Power Mode Register
ADDRESS = 24h
SYMBOL
BIT
R/W
DESCRIPTION
7
—
Reserved
3
—
Reserved
2
—
Reserved
1
—
Reserved
Reserved
0
—
Reserved
Table 30. Reserved
ADDRESS = 25h
SYMBOL
BIT
R/W
DESCRIPTION
7
—
Reserved
6
—
Reserved
5
—
Reserved
4
—
Reserved
3
—
Reserved
2
—
Reserved
1
—
Reserved
Reserved
0
—
Reserved
Table 31. Reserved
ADDRESS = 26h
SYMBOL
BIT
R/W
DESCRIPTION
7
—
Reserved
6
—
Reserved
5
—
Reserved
4
—
Reserved
3
—
Reserved
2
—
Reserved
1
—
Reserved
Reserved
0
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com