Electronic Components Datasheet Search
  English  ▼

X  

MAX5952 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5952
Description  High-Power, Quad, PSE Controller for Power-Over-Ethernet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5952 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5952 Datasheet HTML 1Page - Maxim Integrated Products MAX5952 Datasheet HTML 2Page - Maxim Integrated Products MAX5952 Datasheet HTML 3Page - Maxim Integrated Products MAX5952 Datasheet HTML 4Page - Maxim Integrated Products MAX5952 Datasheet HTML 5Page - Maxim Integrated Products MAX5952 Datasheet HTML 6Page - Maxim Integrated Products MAX5952 Datasheet HTML 7Page - Maxim Integrated Products MAX5952 Datasheet HTML 8Page - Maxim Integrated Products MAX5952 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
High-Power, Quad, PSE Controller
for Power-Over-Ethernet
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAGND = 32V to 60V, VEE = 0V, VDD to VDGND = +3.3V, all voltages are referenced to VEE, unless otherwise noted. Typical values are at
VAGND = +48V, VDGND = +48V, VDD = (VDGND + 3.3V), TA = +25°C. Currents are positive when entering the pin and negative other-
wise.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to VEE, unless otherwise noted.)
AGND, DGND, DET_, VDD, RESET, A3–A0, SHD_, OSC,
SCL, SDAIN, and AUTO ......................................-0.3V to +80V
OUT_........................................................-12V to (AGND + 0.3V)
GATE_ (internally clamped) (Note 1) ..................-0.3V to +11.4V
SENSE_ ..................................................................-0.3V to +24V
VDD, RESET, MIDSPAN, A3–A0, SHD_, OSC, SCL,
SDAIN and AUTO to DGND ..................................-0.3V to +7V
INT and SDAOUT to DGND....................................-0.3V to +12V
AGND to DGND........................................................-0.3V to +7V
Maximum Current into INT, SDAOUT, DET_ .......................80mA
Maximum Power Dissipation (TA = +70°C)
36-Pin SSOP (derate 11.4mW/°C above +70°C) ..........941mW
Operating Temperature Ranges:
MAX5952_EAX..............…………………………-40°C to +85°C
MAX5952_UAX ....................................................0°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: GATE_ is internally clamped to 11.4V above VEE. Driving GATE_ higher than 11.4V above VEE may damage the device.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VAGND
VAGND - VEE
32
60
VDGND
060
VDD to VDGND, VDGND = VAGND
1.71
5.50
Operating Voltage Range
VDD
VDD to VDGND, VDGND = VEE
3.0
5.5
V
IEE
VOUT_ = VEE, VSENSE_ = VEE, DET_ = AGND,
all logic inputs open, SCL = SDAIN = VDD.
INT and SDAOUT open. Measured at AGND in
power mode after GATE_ pullup
4.8
6.8
Supply Currents
IDIG
All logic inputs high, measured at VDD
3.0
5.6
mA
GATE DRIVER AND CLAMPING
GATE_ Pullup Current
IPU
Power mode, gate drive on, VGATE = VEE
-40
-50
-60
µA
Weak GATE_ Pulldown Current
IPDW
SHD_ = DGND, VGATE_ = VEE + 10V
30
42
55
µA
Maximum Pulldown Current
IPDS
VSENSE = 600mV, VGATE_ = VEE + 2V
70
mA
External Gate Drive
VGS
VGATE - VEE, power mode, gate drive on
9
10
11
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com