Electronic Components Datasheet Search
  English  ▼

X  

MAX5952 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX5952
Description  High-Power, Quad, PSE Controller for Power-Over-Ethernet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5952 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX5952 Datasheet HTML 42Page - Maxim Integrated Products MAX5952 Datasheet HTML 43Page - Maxim Integrated Products MAX5952 Datasheet HTML 44Page - Maxim Integrated Products MAX5952 Datasheet HTML 45Page - Maxim Integrated Products MAX5952 Datasheet HTML 46Page - Maxim Integrated Products MAX5952 Datasheet HTML 47Page - Maxim Integrated Products MAX5952 Datasheet HTML 48Page - Maxim Integrated Products MAX5952 Datasheet HTML 49Page - Maxim Integrated Products MAX5952 Datasheet HTML 50Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
High-Power, Quad, PSE Controller
for Power-Over-Ethernet
______________________________________________________________________________________
49
Typical Operating Circuits (continued)
MAX5952
-48V
GATE_
INTERNAL PULLDOWN
(MANUAL MODE)
100
Ω
-48VRTN
FDT3612
100V, 120m
Ω
SOT-223
SENSE_
VEE
OUT_
OFF
ON
DET_
SDAIN
SDAOUT
SCL
DGND
VDD
A0
A1
A2
A3
OSC_IN
AUTO
MIDSPAN
AGND
INTERNAL PULLDOWN
(SIGNAL MODE)
0.5
Ω
1%
-48V
OUTPUT TO
PORT
-48V RTN
OUTPUT TO PORT
NOTE: ALL SIGNAL PINS ARE REFERENCED TO DGND.
1N4448
1k
Ω
1 OF 4 CHANNELS
1.8V TO 3.7V,
(REF TO DGND)
INT
RESET
3k
Ω
3k
Ω
180
Ω
180
Ω
180
Ω
OPTIONAL BUFFER
INTERNAL
50k
Ω PULLUP
4.7k
Ω
1k
Ω
VDD
1N4002
CAN BE UP TO 100k
Ω
HPCL063L
OPTIONAL BUFFER
OPTIONAL BUFFER
HPCL063L
HPCL063L
VCCRTN
VCC (3.3V)
SCL
SDA
3k
Ω
3k
Ω
ISOLATION
DGND MUST BE CONNECTED DIRECTLY TO AGND
FOR AC DISCONNECT DETECTION CIRCUIT TO OPERATE.
0.47
μF
100V
SHD_
SINE WAVE
100Hz
±10%
PEAK AMPLITUDE 2.2V
±0.1V
VALLEY AMPLITUDE 0.2V
±0.1V
Typical Operating Circuit 2 (with AC Load Removal Detection)
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
36 SSOP
A36-4
21-0040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com