Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 60Page - Texas Instruments AM1707 Datasheet HTML 61Page - Texas Instruments AM1707 Datasheet HTML 62Page - Texas Instruments AM1707 Datasheet HTML 63Page - Texas Instruments AM1707 Datasheet HTML 64Page - Texas Instruments AM1707 Datasheet HTML 65Page - Texas Instruments AM1707 Datasheet HTML 66Page - Texas Instruments AM1707 Datasheet HTML 67Page - Texas Instruments AM1707 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 198 page
background image
AM1707
SPRS637 – FEBRUARY 2010
www.ti.com
6.11 External Memory Interface A (EMIFA)
EMIFA is one of two external memory interfaces supported on the device . It is primarily intended to
support asynchronous memory types, such as NAND and NOR flash and Asynchronous SRAM. However
the EMIFA also provides a secondary interface to SDRAM.
6.11.1 EMIFA Asynchronous Memory Support
EMIFA supports asynchronous:
•
SRAM memories
•
NAND Flash memories
•
NOR Flash memories
The EMIFA data bus width is up to 16-bits on the ZKB package . The device supports up to fifteen
address lines and an external wait/interrupt input. Up to four asynchronous chip selects are supported by
EMIFA (EMA_CS[5:2]) .
All four chip selects are available on the ZKB package.
Each chip select has the following individually programmable attributes:
•
Data Bus Width
•
Read cycle timings: setup, hold, strobe
•
Write cycle timings: setup, hold, strobe
•
Bus turn around time
•
Extended Wait Option With Programmable Timeout
•
Select Strobe Option
•
NAND flash controller supports 1-bit and 4-bit ECC calculation on blocks of 512 bytes.
6.11.2 EMIFA Synchronous DRAM Memory Support
The device ZKB package supports 16-bit SDRAM in addition to the asynchronous memories listed in
Section 6.11.1. It has a single SDRAM chip select (EMA_CS[0]). SDRAM configurations that are
supported are:
•
One, Two, and Four Bank SDRAM devices
•
Devices with Eight, Nine, Ten, and Eleven Column Address
•
CAS Latency of two or three clock cycles
•
Sixteen Bit Data Bus Width
•
3.3V LVCMOS Interface
Additionally, the SDRAM interface of EMIFA supports placing the SDRAM in Self Refresh and Powerdown
Modes. Self Refresh mode allows the SDRAM to be put into a low power state while still retaining memory
contents. Powerdown mode achieves even lower power, except the processor must periodically wake the
SDRAM up and issue refreshes if data retention is required.
Finally, note that the EMIFA does not support Mobile SDRAM devices. Table 6-18 below shows the
supported SDRAM configurations for EMIFA.
64
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com