Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 13Page - Texas Instruments AM1707 Datasheet HTML 14Page - Texas Instruments AM1707 Datasheet HTML 15Page - Texas Instruments AM1707 Datasheet HTML 16Page - Texas Instruments AM1707 Datasheet HTML 17Page - Texas Instruments AM1707 Datasheet HTML 18Page - Texas Instruments AM1707 Datasheet HTML 19Page - Texas Instruments AM1707 Datasheet HTML 20Page - Texas Instruments AM1707 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 198 page
background image
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
3.6.3
Real-Time Clock and 32-kHz Oscillator
Table 3-5. Real-Time Clock (RTC) and 1.2-V, 32-kHz Oscillator Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
PULL(2)
DESCRIPTION
ZKB
RTC_CVDD
G1
PWR
RTC module core power ( isolated from rest of chip CVDD)
RTC_XI
H1
I
Low-frequency (32-kHz) oscillator receiver for real-time clock
RTC_XO
H2
O
Low-frequency (32-kHz) oscillator driver for real-time clock
RTC_Vss
G2
GND
Oscillator ground (for filter)
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.4
External Memory Interface A (ASYNC, SDRAM)
Table 3-6. External Memory Interface A (EMIFA) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
EMA_D[15]/UHPI_HD[15]/LCD_D[15]/GP0[15]
M16
I/O
IPD
EMA_D[14]/UHPI_HD[14]/LCD_D[14]/GP0[14]
N14
I/O
IPD
EMA_D[13]/UHPI_HD[13]/LCD_D[13]/GP0[13]
N16
I/O
IPD
EMA_D[12]/UHPI_HD[12]/LCD_D[12]/GP0[12]
P14
I/O
IPD
UHPI, LCD,
GPIO
EMA_D[11]/UHPI_HD[11]/LCD_D[11]/GP0[11]
P16
I/O
IPD
EMA_D[10]/UHPI_HD[10]/LCD_D[10]/GP0[10]
R14
I/O
IPD
EMA_D[9]/UHPI_HD[9]/LCD_D[9]/GP0[9]
T14
I/O
IPD
EMA_D[8]/UHPI_HD[8]/LCD_D[8]/GP0[8]
N12
I/O
IPD
MMC/SD, UHPI, EMIFA data bus
EMA_D[7]/MMCSD_DAT[7]/UHPI_HD[7]/GP0[7]/BOOT[13]
M15
I/O
IPU
GPIO, BOOT
EMA_D[6]/MMCSD_DAT[6]/UHPI_HD[6]/GP0[6]
N13
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/UHPI_HD[5]/GP0[5]
N15
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/UHPI_HD[4]/GP0[4]
P13
I/O
IPU
MMC/SD, UHPI,
GPIO
EMA_D[3]/MMCSD_DAT[3]/UHPI_HD[3]/GP0[3]
P15
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/UHPI_HD[2]/GP0[2]
R13
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/UHPI_HD[1]/GP0[1]
R15
I/O
IPU
MMC/SD, UHPI,
EMA_D[0]/MMCSD_DAT[0]/UHPI_HD[0]/GP0[0]/BOOT[12]
T13
I/O
IPU
GPIO, BOOT
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com