Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 27Page - Texas Instruments AM1707 Datasheet HTML 28Page - Texas Instruments AM1707 Datasheet HTML 29Page - Texas Instruments AM1707 Datasheet HTML 30Page - Texas Instruments AM1707 Datasheet HTML 31Page - Texas Instruments AM1707 Datasheet HTML 32Page - Texas Instruments AM1707 Datasheet HTML 33Page - Texas Instruments AM1707 Datasheet HTML 34Page - Texas Instruments AM1707 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 198 page
background image
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
3.6.17 Ethernet Media Access Controller (EMAC)
Table 3-19. Ethernet Media Access Controller (EMAC) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
RMII
EMAC 50-MHz
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
A4
I/O
IPD
McASP0, GPIO, BOOT
clock input or
output.
EMAC RMII receiver
AXR0[6]/RMII_RXER/ACLKR2/GP3[6]
D7
I
IPD
error.
AXR0[5]/RMII_RXD[1]/AFSX2/GP3[5]
C7
I
IPD
EMAC RMII receive
data.
AXR0[4]/RMII_RXD[0]/AXR2[1]/GP3[4]
B7
I
IPD
EMAC RMII carrier
AXR0[3]/RMII_CRS_DV/AXR2[2]/GP3[3]
A7
I
IPD
McASP0, McASP2, GPIO
sense data valid.
EMAC RMII transmit
AXR0[2]/RMII_TXEN/AXR2[3]/GP3[2]
D8
O
IPD
enable.
AXR0[1]/RMII_TXD[1]/ACLKX2/GP3[1]
C8
O
IPD
EMAC RMII trasmit
data.
AXR0[0]/RMII_TXD[0]/AFSR2/GP3[0]
B8
O
IPD
MDIO
AXR0[8]/MDIO_D/GP3[8]
B6
I/O
IPU
MDIO serial data.
McASP0, GPIO
AXR0[7]/MDIO_CLK/GP3[7]
A6
O
IPD
MDIO clock
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.18 Multimedia Card/Secure Digital (MMC/SD)
Table 3-20. Multimedia Card/Secure Digital (MMC/SD) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
EMA_A[1]/MMCSD_CLK/UHPI_HCNTL0/GP1[1]
R9
O
IPU
MMCSD Clock.
EMIFA, UHPI, GPIO
EMA_A[2]/MMCSD_CMD/UHPI_HCNTL1/GP1[2]
P9
I/O
IPU
MMCSD Command.
EMIFA, UHPI, GPIO,
EMA_D[7]/MMCSD_DAT[7]/UHPI_HD[7]/GP0[7]/BOOT[13]
M15
I/O
IPU
BOOT
EMA_D[6]/MMCSD_DAT[6]/UHPI_HD[6]/GP0[6]
N13
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/UHPI_HD[5]/GP0[5]
N15
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/UHPI_HD[4]/GP0[4]
P13
I/O
IPU
EMIFA, UHPI, GPIO
MMC/SD data.
EMA_D[3]/MMCSD_DAT[3]/UHPI_HD[3]/GP0[3]
P15
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/UHPI_HD[2]/GP0[2]
R13
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/UHPI_HD[1]/GP0[1]
R15
I/O
IPU
EMIFA, UHPI, GPIO,
EMA_D[0]/MMCSD_DAT[0]/UHPI_HD[0]/GP0[0]/BOOT[12]
T13
I/O
IPU
BOOT
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com