Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 29Page - Texas Instruments AM1707 Datasheet HTML 30Page - Texas Instruments AM1707 Datasheet HTML 31Page - Texas Instruments AM1707 Datasheet HTML 32Page - Texas Instruments AM1707 Datasheet HTML 33Page - Texas Instruments AM1707 Datasheet HTML 34Page - Texas Instruments AM1707 Datasheet HTML 35Page - Texas Instruments AM1707 Datasheet HTML 36Page - Texas Instruments AM1707 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 198 page
background image
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
3.6.21 Supply and Ground
Table 3-23. Supply and Ground Terminal Functions
PIN No.
SIGNAL NAME
TYPE(1)
DESCRIPTION
ZKB
F6,G6, G7,
G10, G11, H7,
H10, H11, J6,
CVDD (Core supply)
PWR
1.2-V core supply voltage pins
J7, J10, J11,
J12, K6, K7,
K10, K11,L6
RVDD (Internal RAM supply)
H6, H12
PWR
1.2V internal ram supply voltage pins
B16, E5, E8,
E9, E12, F5,
F11, F12, G5,
DVDD (I/O supply)
G12, K5, K12,
PWR
3.3-V I/O supply voltage pins.
L5, L11, L12,
M5, M8, M9,
M12, R1, R16
A1, A2, A15,
A16,
B2,
E6, E7, E10,
E11,
F8, F9, F10,
G8, G9,
H8, H9,
VSS (Ground)
GND
Ground pins.
J8, J9,
K8, K9,
L7, L8, L9,
L10,
M6, M7, M10,
M11,
T1, T2, T15,
T16
(1)
PWR = Supply voltage, GND - Ground.
Copyright © 2010, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com