Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 65Page - Texas Instruments AM1707 Datasheet HTML 66Page - Texas Instruments AM1707 Datasheet HTML 67Page - Texas Instruments AM1707 Datasheet HTML 68Page - Texas Instruments AM1707 Datasheet HTML 69Page - Texas Instruments AM1707 Datasheet HTML 70Page - Texas Instruments AM1707 Datasheet HTML 71Page - Texas Instruments AM1707 Datasheet HTML 72Page - Texas Instruments AM1707 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 198 page
background image
AM1707
www.ti.com
SPRS637 – FEBRUARY 2010
6.11.6 EMIFA Electrical Data/Timing
The following assume testing over recommended operating conditions.
Table 6-20. EMIFA SDRAM Interface Timing Requirements
No.
PARAMETER
MIN
MAX
UNIT
Input setup time, read data valid on EMA_D[15:0] before EMA_CLK
19
tsu(DV-CLKH)
1.3
ns
rising
Input hold time, read data valid on EMA_D[15:0] after EMA_CLK
20
th(CLKH-DIV)
1.5
ns
rising
Table 6-21. EMIFA SDRAM Interface Switching Characteristics
No.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, EMIF clock EMA_CLK
10
ns
2
tw(CLK)
Pulse width, EMIF clock EMA_CLK high or low
3
ns
3
td(CLKH-CSV)
Delay time, EMA_CLK rising to EMA_CS[0] valid
7
ns
4
toh(CLKH-CSIV)
Output hold time, EMA_CLK rising to EMA_CS[0] invalid
1
ns
5
td(CLKH-DQMV)
Delay time, EMA_CLK rising to EMA_WE_DQM[1:0] valid
7
ns
6
toh(CLKH-DQMIV)
Output hold time, EMA_CLK rising to EMA_WE_DQM[1:0] invalid
1
ns
Delay time, EMA_CLK rising to EMA_A[12:0] and EMA_BA[1:0]
7
td(CLKH-AV)
7
ns
valid
Output hold time, EMA_CLK rising to EMA_A[12:0] and
8
toh(CLKH-AIV)
1
ns
EMA_BA[1:0] invalid
9
td(CLKH-DV)
Delay time, EMA_CLK rising to EMA_D[15:0] valid
7
ns
10
toh(CLKH-DIV)
Output hold time, EMA_CLK rising to EMA_D[15:0] invalid
1
ns
11
td(CLKH-RASV)
Delay time, EMA_CLK rising to EMA_RAS valid
7
ns
12
toh(CLKH-RASIV)
Output hold time, EMA_CLK rising to EMA_RAS invalid
1
ns
13
td(CLKH-CASV)
Delay time, EMA_CLK rising to EMA_CAS valid
7
ns
14
toh(CLKH-CASIV)
Output hold time, EMA_CLK rising to EMA_CAS invalid
1
ns
15
td(CLKH-WEV)
Delay time, EMA_CLK rising to EMA_WE valid
7
ns
16
toh(CLKH-WEIV)
Output hold time, EMA_CLK rising to EMA_WE invalid
1
ns
17
tdis(CLKH-DHZ)
Delay time, EMA_CLK rising to EMA_D[15:0] 3-stated
7
ns
18
tena(CLKH-DLZ)
Output hold time, EMA_CLK rising to EMA_D[15:0] driving
1
ns
Table 6-22. EMIFA Asynchronous Memory Timing Requirements(1)
No.
PARAMETER
MIN
NOM
MAX
UNIT
READS and WRITES
E
tc(CLK)
Cycle time, EMIFA module clock
10
ns
Pulse duration, EM_WAIT assertion and
2
tw(EM_WAIT)
2E
ns
deassertion
READS
Setup time, EM_D[15:0] valid before EM_OE
12
tsu(EMDV-EMOEH)
3
ns
high
13
th(EMOEH-EMDIV)
Hold time, EM_D[15:0] valid after EM_OE high
0
ns
Setup Time, EM_WAIT asserted before end of
14
tsu (EMOEL-EMWAIT)
4E+3
ns
Strobe Phase(2)
WRITES
(1)
E = EMA_CLK period or in ns. EMA_CLK is selected either as SYSCLK3 or the PLL output clock divided by 4.5. As an example, when
SYSCLK3 is selected and set to 100MHz, E=10ns.
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EM_WAIT must be asserted to add extended
wait states. Figure 6-18 and Figure 6-19 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
69
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com