Electronic Components Datasheet Search
  English  ▼

X  

LT3686 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3686
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3686 Datasheet HTML 15Page - Linear Technology LT3686 Datasheet HTML 16Page - Linear Technology LT3686 Datasheet HTML 17Page - Linear Technology LT3686 Datasheet HTML 18Page - Linear Technology LT3686 Datasheet HTML 19Page - Linear Technology LT3686 Datasheet HTML 20Page - Linear Technology LT3686 Datasheet HTML 21Page - Linear Technology LT3686 Datasheet HTML 22Page - Linear Technology LT3686 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3686

3686fa
ApplicAtions inForMAtion
Soft-Start
The SS pin is used to soft-start the LT3686, eliminating
input current surge during start-up. It can also be used to
track another voltage in the system (Figure 11).
An internal 2µA current source charges an external soft-
start capacitor to generate a voltage ramp. FB voltage is
Figure 12. To Soft-Start the LT3686, Add a Capacitor to the SS Pin
Figure 11. LT3686 Configured to Track Voltage on SS Pin
VSS
500mV/DIV
VOUT
2V/DIV
1ms/DIV
3686 F11
VSW
10V/DIV
VOUT
2V/DIV
IL
500mA/DIV
5µs/DIV
VIN = 10V
VOUT = 3.3V
L = 6.8µH
COUT = 22µF
CSS = 0
SS
GND
SS
1.2nF
GND
VSW
10V/DIV
VOUT
2V/DIV
IL
500mA/DIV
50µs/DIV
3686 F12
VIN = 10V
VOUT = 3.3V
L = 6.8µH
COUT = 22µF
CSS = 1.2nF
regulated to the voltage at the SS pin until it exceeds 0.8V,
FB is then regulated to the reference 0.8V. Soft-start also
reduces the oscillator frequency to avoid hitting current
limit during start-up. Figure 12 shows the start-up wave-
forms with and without the soft-start circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com