Electronic Components Datasheet Search
  English  ▼

X  

LT3686 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3686
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686 Datasheet(HTML) 5 Page - Linear Technology

  LT3686 Datasheet HTML 1Page - Linear Technology LT3686 Datasheet HTML 2Page - Linear Technology LT3686 Datasheet HTML 3Page - Linear Technology LT3686 Datasheet HTML 4Page - Linear Technology LT3686 Datasheet HTML 5Page - Linear Technology LT3686 Datasheet HTML 6Page - Linear Technology LT3686 Datasheet HTML 7Page - Linear Technology LT3686 Datasheet HTML 8Page - Linear Technology LT3686 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3686

3686fa
Switching Frequency vs RT
Switching Frequency vs
Temperature
Soft-Start/Track vs Frequency
(1MHz)
Soft-Start/Track vs VFB
EN/UVLO Pin Current
Switch Current Limit vs
Temperature
Current Limit vs Duty Cycle
TA = 25°C unless otherwise noted.
3.3VOUT Maximum VIN for Full
Frequency (2MHz)
5VOUT Maximum VIN for Full
Frequency (2MHz)
FREQUENCY (MHz)
0
0.5
0
50
250
200
300
3686 G09
100
150
1.5
2.5
2
1
TEMPERATURE (°C)
–50
0
1.90
1.95
2.15
2.10
2.20
3686 G10
2.00
2.05
100
150
50
RT = 15.4k
SS (mV)
500
0
0
200
1000
800
1200
3686 G11
400
600
1500
2000
2500
1000
SS (mV)
200
0
0
100
800
700
900
3686 G12
200
300
400
500
600
600
800
1000 1200
400
EN/UVLO (V)
10
0
0
5
40
35
45
3686 G13
10
15
20
25
30
30
40
50
20
TEMPERATURE (°C)
0
–50
1.0
3686 G14
1.5
2.0
2.5
3.0
50
100
150
DUTY CYCLE (%)
25
0
0
3686 G15
0.5
1.0
1.5
2.5
2.0
3.0
50
75
100
DA VALLEY
SWITCH PEAK
LOAD CURRENT (mA)
500
0
0
3686 G16
5
10
15
25
20
1000
1500
MODE > 0.8
MODE < 0.4
VOUT = 3.3V
L = 6.8µH
f = 2MHz
LOAD CURRENT (mA)
500
0
0
3686 G17
5
10
15
35
25
30
20
1000
MODE > 0.8
MODE < 0.4
VOUT = 5V
L = 10µH
f = 2MHz
typicAl perForMAnce chArActeristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com