Electronic Components Datasheet Search
  English  ▼

X  

LT3686 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3686
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686 Datasheet(HTML) 4 Page - Linear Technology

  LT3686 Datasheet HTML 1Page - Linear Technology LT3686 Datasheet HTML 2Page - Linear Technology LT3686 Datasheet HTML 3Page - Linear Technology LT3686 Datasheet HTML 4Page - Linear Technology LT3686 Datasheet HTML 5Page - Linear Technology LT3686 Datasheet HTML 6Page - Linear Technology LT3686 Datasheet HTML 7Page - Linear Technology LT3686 Datasheet HTML 8Page - Linear Technology LT3686 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3686

3686fa
3.3VOUT Efficiency (2MHz)
5VOUT Efficiency
VFB vs Temperature
Overvoltage Lockout (OVLO)
3.3VOUT Maximum Load Current
TA = 25°C unless otherwise noted.
Switch Voltage Drop
Internal Undervoltage Lockout
(UVLO)
5VOUT Maximum Load Current
LOAD CURRENT (mA)
0
0
10
30
40
50
70
400
800
1000
3686 G01
20
80
90
60
200
600
1200
MODE < 0.4V
MODE > 0.8V
VIN = 12V
VOUT = 3.3V
L = 6.8µH
f = 2MHz
LOAD CURRENT (mA)
0
0
10
30
40
50
70
400
800
1000
3686 G02
20
80
90
60
200
600
1200
MODE < 0.4V
MODE > 0.8V
VIN = 12V
VOUT = 5V
L = 10µH
f = 2MHz
VIN (V)
0
0
0.2
0.6
0.8
1.0
1.2
1.6
3686 G03
0.4
1.8
2.0
1.4
20
30
10
40
VOUT = 3.3V
L = 6.8µH
f = 2MHz
MINIMUM
TYPICAL
VIN (V)
0
0.2
0.6
0.8
1.0
1.2
1.6
3686 G04
0.4
1.8
2.0
1.4
20
30
10
40
TYPICAL
MINIMUM
VOUT = 5V
L = 10µH
f = 2MHz
ISW (mA)
0
0
100
300
400
500
600
800
3686 G05
200
900
700
1000
1500
500
2000
2500
150°C
125°C
25°C
–50°C
TEMPERATURE (°C)
–50
0
2.0
2.5
3.5
4.0
3686 G06
3.0
100
150
50
TEMPERATURE (°C)
–50
0
35
36
38
40
39
3686 G07
37
100
150
50
TEMPERATURE (°C)
–50
0
780
790
810
820
3686 G08
800
100
150
50
typicAl perForMAnce chArActeristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com