Electronic Components Datasheet Search
  English  ▼

X  

LT3686 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3686
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3686 Datasheet HTML 20Page - Linear Technology LT3686 Datasheet HTML 21Page - Linear Technology LT3686 Datasheet HTML 22Page - Linear Technology LT3686 Datasheet HTML 23Page - Linear Technology LT3686 Datasheet HTML 24Page - Linear Technology LT3686 Datasheet HTML 25Page - Linear Technology LT3686 Datasheet HTML 26Page - Linear Technology LT3686 Datasheet HTML 27Page - Linear Technology LT3686 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3686

3686fa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2009
LT 0110 REV A • PRINTED IN USA
PART NUMBER DESCRIPTION
COMMENTS
LT3689
36V, 60V Transient Protection, 800mA, 2.2MHz, High
Efficiency MicroPower Step-Down DC/DC Converter with
POR Reset and Watchdog Timer
VIN: 3.6V to 36V Transient to 60V, VOUT(MIN) = 0.8V, IQ = 75µA, ISD <1µA,
16-Pin 3mm
× 3mm QFN Package
LT3682
36V, 60VMAX, 1A, 2.2MHz, High Efficiency MicroPower
Step-Down DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 75µA, ISD <1µA, 12-Pin 3mm × 3mm
DFN Package
LT3970
40V, 350mA (IOUT), 2.2MHz, High Efficiency Step-Down
DC/DC Converter with Only 2.5µA of Quiescent Current
VIN: 4.2V to 40V, VOUT(MIN) = 1.21V, IQ = 2.5µA, ISD <1µA, 10-Pin
3mm
× 3mm DFN, 10-Pin MSOP Packages
LT3480
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz,
High Efficiency Step-Down DC/DC Converter with
Burst Mode® Operation
VIN: 3.6V to 38V, VOUT(MIN) = 0.78V, IQ = 70µA, ISD <1µA, 10-Pin
3mm
× 3mm DFN, 10-Pin MSOP Packages
LT3685
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 38V, VOUT(MIN) = 0.78V, IQ = 70µA, ISD <1µA, 10-Pin
3mm
× 3mm DFN, 10-Pin MSOP Packages
LT3481
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz,
High Efficiency Step-Down DC/DC Converter with Burst
Mode Operation
VIN: 3.6V to 34V, VOUT(MIN) = 1.26V, IQ = 50µA, ISD <1µA, 10-Pin
3mm
× 3mm DFN, 10-Pin MSOP Packages
LT3684
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 34V, VOUT(MIN) = 1.26V, IQ = 850µA, ISD <1µA, 10-Pin
3mm
× 3mm DFN, 10-Pin MSOP Packages
LT3508
36V with Transient Protection to 40V, Dual 1.4A (IOUT),
3MHz, High Efficiency Step-Down DC/DC Converter
VIN: 3.7V to 37V, VOUT(MIN) = 0.8V, IQ = 4.6mA, ISD = 1µA, 24-Pin
4mm
× 4mm QFN, 16-Pin TSSOP Packages
LT3505
36V with Transient Protection to 40V, 1.4A (IOUT), 3MHz,
High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 34V, VOUT(MIN) = 0.78V, IQ = 2mA, ISD = 2µA, 8-Pin
3mm
× 3mm DFN, 8-Pin MSOP Packages
LT3500
36V, 40VMAX, 2A, 2.5MHz, High Efficiency Step-Down
DC/DC Converter and LDO Controller
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 2.5mA, ISD <10µA, 10-Pin
3mm
× 3mm DFN Package
LT3507
36V, 2.5MHz Triple (2.4A + 1.5A +1.5A (IOUT)) with LDO
Controller High Efficiency Step-Down DC/DC Converter
VIN: 4V to 36V, VOUT(MIN) = 0.8V, IQ = 7mA, ISD = 1µA, 38-Pin 5mm × 7mm
QFN Package
LT3437
60V, 400mA (IOUT), MicroPower Step-Down DC/DC
Converter with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.25V, IQ = 100µA, ISD <1µA, 10-Pin
3mm
× 3mm DFN, 16-Pin TSSOP Packages
LT1976/LT1977 60V, 1.2A (IOUT), 200/500kHz, High Efficiency
Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.2V, IQ = 100µA, ISD <1µA, 16-Pin TSSOP
Package
LT3434/LT3435 60V, 2.4A (IOUT), 200/500kHz, High Efficiency
Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MIN) = 1.2V, IQ = 100µA, ISD <1µA, 16-Pin TSSOP
Package
LT1936
36V, 1.4A (IOUT), 500kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 1.2V, IQ = 1.9mA, ISD <1µA, 8-Pin MS Package
LT3493
36V, 1.4A (IOUT), 750kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 3.6V to 36V, VOUT(MIN) = 0.8V, IQ = 1.9mA, ISD <1µA, 6-Pin
2mm
× 3mm DFN Package
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down
DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25µA, 16-Pin TSSOP
Package
Burst Mode is a registered trademark of Linear Technology Corporation.
relAteD pArts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com