Electronic Components Datasheet Search
  English  ▼

X  

LT3686 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3686
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3686 Datasheet HTML 18Page - Linear Technology LT3686 Datasheet HTML 19Page - Linear Technology LT3686 Datasheet HTML 20Page - Linear Technology LT3686 Datasheet HTML 21Page - Linear Technology LT3686 Datasheet HTML 22Page - Linear Technology LT3686 Datasheet HTML 23Page - Linear Technology LT3686 Datasheet HTML 24Page - Linear Technology LT3686 Datasheet HTML 25Page - Linear Technology LT3686 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3686

3686fa
ApplicAtions inForMAtion
Figure 16. Model for Loop Response
Frequency Compensation
The LT3686 uses current mode control to regulate the
output. This simplifies loop compensation. In particular,
the LT3686 does not require the ESR of the output capaci-
tor for stability allowing the use of ceramic capacitors to
achieve low output ripple and small circuit size. Figure 16
shows an equivalent circuit for the LT3686 control loop.
The error amp is a transconductance amplifier with finite
output impedance. The power section, consisting of the
modulator, power switch and inductor, is modeled as a
transconductance amplifier generating an output current
proportional to the voltage at the VC node. Note that the
outputcapacitorintegratesthiscurrent,andthatthecapaci-
torontheVCnode(CC)integratestheerroramplifieroutput
current, resulting in two poles in the loop. RC provides a
zero. With the recommended output capacitor, the loop
crossover occurs above the RCCC zero. This simple model
works well as long as the value of the inductor is not too
high and the loop crossover frequency is much lower than
the switching frequency. With a larger ceramic capacitor
(very low ESR), crossover may be lower and a phase lead
capacitor (CPL) across the feedback divider may improve
thephasemarginandtransientresponse.Largeelectrolytic
capacitors may have an ESR large enough to create an
additional zero, and the phase lead may not be necessary.
If the output capacitor is different than the recommended
capacitor, stability should be checked across all operating
conditions, including load current, input voltage and tem-
perature. The LT1375 data sheet contains a more thorough
discussion of loop compensation and describes how to
test the stability using a transient load.
800mV
SW
FB
R1
CPL
R2
ERROR
AMPLIFIER
CURRENT MODE
POWER STAGE
GND
LT3686
1V
1M
RC
160k
VC
CC
100pF
gm =
200µA/V
gm =
2A/V
ESR
3686 F16
OUT
C1
C1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com