Electronic Components Datasheet Search
  English  ▼

X  

LTC3860 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3860
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 9Page - Linear Technology LTC3860 Datasheet HTML 10Page - Linear Technology LTC3860 Datasheet HTML 11Page - Linear Technology LTC3860 Datasheet HTML 12Page - Linear Technology LTC3860 Datasheet HTML 13Page - Linear Technology LTC3860 Datasheet HTML 14Page - Linear Technology LTC3860 Datasheet HTML 15Page - Linear Technology LTC3860 Datasheet HTML 16Page - Linear Technology LTC3860 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC3860

3860f
Alternatively, the TRACK/SS pin can be used to force the
start-up of VOUT to track the voltage of another supply.
Typically this requires connecting the TRACK/SS pin to an
external divider from the other supply to ground (see Ap-
plications Information). It is only possible to track another
supply that is slower than the internal soft-start ramp.
The TRACK/SS pin also has an internal open-drain NMOS
pull-down transistor that turns on to reset the TRACK/SS
voltage when the channel is shut down (RUN = 0V or VCC
< UVLO threshold) or during an OC fault condition.
In multiphase operation, one master error amplifier is
used to control all of the PWM comparators. The FB pins
for the unused error amplifiers are connected to VCC in
ordertothree-statetheseamplifieroutputs,andtheCOMP
pins are connected together. The TRACK/SS pins should
also be connected together so that the slave phases can
detect when soft-start is complete and enable the bottom
MOSFET.
Frequency Selection and the Phase-Locked Loop (PLL)
The selection of the switching frequency is a tradeoff
between efficiency, transient response and component
size. High frequency operation reduces the size of the
inductor and output capacitor as well as increasing the
maximum practical control loop bandwidth. However,
efficiency is generally lower due to increased transition
and switching losses.
The LTC3860’s switching frequency can be set in three
ways: using an external resistor to linearly program the
frequency, synchronizing to an external clock, or simply
selecting one of two fixed frequencies (400kHz and
600kHz). Table 1 highlights these modes.
Table 1. Frequency Selection
CLKIN PIN
FREQ PIN
FREQUENCY
Clocked
RFREQ to GND
250kHz to 1.25MHz
High
RFREQ to GND
250kHz to 1.25MHz
Low
Low
400kHz
Low
High
600kHz
No external PLL filter is required to synchronize the
LTC3860 to an external clock. Applying an external clock
signal to the CLKIN pin will automatically enable the PLL
with internal filter.
Constant frequency operation brings with it a number of
benefits: inductor and capacitor values can be chosen for
a precise operating frequency and the feedback loop can
besimilarlytightlyspecified.Noisegeneratedbythecircuit
will always be at known frequencies. Subharmonic oscil-
lation and slope compensation, common headaches with
constant frequency current mode switchers, are absent in
voltage mode designs like the LTC3860.
Using the CLKOUT and PHSMD Pins in
Multiphase Applications
The LTC3860 features CLKOUT and PHSMD pins that al-
low multiple LTC3860 ICs to be daisy-chained together in
multiphase applications. The clock output signal on the
CLKOUT pin can be used to synchronize additional ICs in
a 3-, 4-, 6- or 12-phase power supply solution feeding a
single high current output, or even several outputs from
the same input supply.
The PHSMD pin is used to adjust the phase relationship
between channel 1 and channel 2, as well as the phase
relationship between channel 1 and CLKOUT, as sum-
marized in Table 2. The phases are calculated relative to
zero degrees, defined as the rising edge of PWM1. Refer
to Applications Information for more details on how to
create multiphase applications.
Table 2. Phase Selection
PHSMD PIN
CH-1 to CH-2 PHASE
CH-1 to CLKOUT PHASE
Float
180°
90°
Low
180°
60°
High
120°
240°
operaTion (Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com