Electronic Components Datasheet Search
  English  ▼

X  

LTC3860 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3860
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 10Page - Linear Technology LTC3860 Datasheet HTML 11Page - Linear Technology LTC3860 Datasheet HTML 12Page - Linear Technology LTC3860 Datasheet HTML 13Page - Linear Technology LTC3860 Datasheet HTML 14Page - Linear Technology LTC3860 Datasheet HTML 15Page - Linear Technology LTC3860 Datasheet HTML 16Page - Linear Technology LTC3860 Datasheet HTML 17Page - Linear Technology LTC3860 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC3860

3860f
operaTion (Refer to Functional Diagram)
Using the LTC3860 Error Amplifiers in
Multiphase Applications
Due to the low output impedance of the error amplifiers,
multiphase applications using the LTC3860 use one error
amplifier as the master with all of the slaves’ error ampli-
fiers disabled. The channel 1 error amplifier (phase = 0°)
may be used as the master with phases 2 through n (up to
12) serving as slaves. To disable the slave error amplifiers
connect the FB pins of the slaves to VCC. This three-states
the output stages of the amplifiers. All COMP pins should
then be connected together to create PWM outputs for all
phases.Asnotedinthesectiononsoft-start,allTRACK/SS
pins should also be shorted together. Refer to the Multi-
phase Operation section in Applications Information for
schematics of various multiphase configurations.
Theory and Benefits of Multiphase Operation
Multiphase operation provides several benefits over tra-
ditional single phase power supplies:
n
Greater output current capability
n
Improved transient response
n
Reduction in component size
n
Increased real world operating efficiency
Because multiphase operation parallels power stages,
the amount of output current available is n times what it
would be with a single comparable output stage, where n
is equal to the number of phases.
Interleaving of multiple power stages increases the ef-
fective switching frequency that the control loop sees,
correspondingly increasing the practical control loop
bandwidth to approximately n/3-times the actual switch-
ing frequency. This improves transient response, as well
as reducing component size and increasing real world
operating efficiency.
Power Good Indicator Pins (PGOOD1, PGOOD2)
Each PGOOD pin is connected to the open drain of an
internal pull-down device which pulls the PGOOD pin
low when the corresponding FB pin voltage is outside
the PGOOD regulation window (±7.5% entering regula-
tion, ±10% leaving regulation). The PGOOD pins are also
pulled low when the corresponding RUN pin is low, or
during UVLO.
In multiphase applications, one FB pin and error amplifier
are used to control all of the phases. PGOOD outputs for
the slave phases may be left unconnected as they will not
report fault conditions.
PWM and PWMEN Pins
The PWM pins are three-state compatible outputs, de-
signed to drive MOSFET drivers, DRMOSs, etc which do
not represent a heavy capacitive load. An external resistor
divider may be used to set the voltage to mid-rail while in
the high impedance state.
ThePWMENoutputshaveanopen-drainpull-uptoVCCand
requireanappropriateexternalpull-downresistor.Thispin
is intended to drive the enable pins of the MOSFET driv-
ers that do not have three-state compatible PWM inputs.
PWMEN is low only when PWM is high impedance, and
high at any other PWM state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com