Electronic Components Datasheet Search
  English  ▼

X  

LTC3860 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3860
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 14Page - Linear Technology LTC3860 Datasheet HTML 15Page - Linear Technology LTC3860 Datasheet HTML 16Page - Linear Technology LTC3860 Datasheet HTML 17Page - Linear Technology LTC3860 Datasheet HTML 18Page - Linear Technology LTC3860 Datasheet HTML 19Page - Linear Technology LTC3860 Datasheet HTML 20Page - Linear Technology LTC3860 Datasheet HTML 21Page - Linear Technology LTC3860 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC3860

3860f
applicaTions inFormaTion
In surface mount applications, multiple capacitors may
have to be paralleled to meet the ESR or transient current
handling requirements of the application. Aluminum elec-
trolytic and dry tantalum capacitors are both available in
surfacemountconfigurations.Newspecialpolymersurface
mount capacitors offer very low ESR also but have much
lower capacitive density per unit volume. In the case of
tantalum, it is critical that the capacitors are surge tested
for use in switching power supplies. Several excellent
output capacitor choices include the Sanyo POSCAP TPD,
TPE, TPF series, the Kemet T520, T530 and A700 series,
NEC/Tokin NeoCapacitors and Panasonic SP series. Other
capacitor types include Nichicon PL series and Sprague
595D series. Consult the manufacturer for other specific
recommendations.
Current Sensing
To maximize efficiency the LTC3860 is designed to sense
current through the inductor’s DCR, as shown in Figure 6.
The DCR of the inductor represents the small amount
of DC winding resistance of the copper, which for most
inductors applicable to this application, is between 0.3
and 1m
Ω. If the filter RC time constant is chosen to be
exactly equal to the L/DCR time constant of the inductor,
the voltage drop across the external capacitor is equal
to the voltage drop across the inductor DCR. Check the
manufacturer’s data sheet for specifications regarding the
inductor DCR in order to properly dimension the external
filter components. The DCR of the inductor can also be
measured using a good RLC meter.
Since the temperature coefficient of the inductor’s DCR is
3900ppm/°C, first order compensation of the filter time
constant is possible by using filter resistors with an equal
but opposite (negative) TC, assuming a low TC capacitor is
used. That is, as the inductor’s DCR rises with increasing
temperature, the L/DCR time constant drops. Since we
want the filter RC time constant to match the L/DCR time
constant, we also want the filter RC time constant to drop
with increasing temperature. Typically, the inductance will
also have a small negative TC.
The ISNSP and ISNSN pins are the inputs to the current
comparators. The common mode range of the current
comparators is –0.3V to VCC + 0.1V. Continuous linear
operation is provided throughout this range, allowing
output voltages between 0.6V (the reference input to the
error amplifiers) and VCC+0.1V.Themaximumdifferential
current sense input (VISNSP – VISNSN) is 50mV.
The high impedance inputs to the current comparators
allow accurate DCR sensing. However, care must be taken
not to float these pins during normal operation.
Filter components mutual to the sense lines should be
placed close to the LTC3860, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 5). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If low value
(<5mΩ) sense resistors are used, verify that the signal
across CF resembles the current through the inductor,
and reduce RF to eliminate any large step associated with
the turn-on of the primary switch. If DCR sensing is used
(Figure 6b), sense resistor R1 should be placed close to
the switching node, to prevent noise from coupling into
sensitive small-signal nodes. The capacitor C1 should be
placed close to the IC pins.
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
3860 F05
Figure 5. Sense Lines Placement with Inductor or Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com