Electronic Components Datasheet Search
  English  ▼

X  

LTC3860 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3860
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 2 Page - Linear Technology

  LTC3860 Datasheet HTML 1Page - Linear Technology LTC3860 Datasheet HTML 2Page - Linear Technology LTC3860 Datasheet HTML 3Page - Linear Technology LTC3860 Datasheet HTML 4Page - Linear Technology LTC3860 Datasheet HTML 5Page - Linear Technology LTC3860 Datasheet HTML 6Page - Linear Technology LTC3860 Datasheet HTML 7Page - Linear Technology LTC3860 Datasheet HTML 8Page - Linear Technology LTC3860 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3860

3860f
VCC Voltage.................................................. –0.3V to 6V
VINSNS Voltage ......................................... –0.3V to 30V
VSNSN Voltage ............................................ –0.3V to 2V
RUN Voltage ................................................ –0.3V to 6V
ISNS1P, ISNS1N,
ISNS2P, ISNS2N...........................–0.3V to (VCC + 0.1V)
All Other Voltages .........................–0.3V to (VCC + 0.3V)
Operating Junction Temperature Range (Note 3)
LTC3860E............................................. –40°C to 85°C
LTC3860I............................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
32 31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
33
SGND
UH PACKAGE
32-LEAD (5mm 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VCC
FB1
COMP1
VSNSOUT
VSNSN
VSNSP
COMP2
FB2
RUN1
ILIM1
ISNS1P
ISNS1N
ISNS2N
ISNS2P
ILIM2
RUN2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3860EUH#PBF
LTC3860EUH#TRPBF
3860
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3860IUH#PBF
LTC3860IUH#TRPBF
3860
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
absoluTe maximum raTings
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VCC = 5V, VRUN1,2 = 5V, VFREQ = VCLKIN = 0V, VFB = 0.6V, fOSC = 0.6MHz
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Voltage Range
l
3.0
5.5
V
VIN
VIN Range
VCC = 5V
l
3
24
V
IQ
Input Voltage Supply Current
Normal Operation
Shutdown Mode
UVLO
VRUN1,2 = 5V
VRUN1,2 = 0V
VCC < VUVLO
14
3.5
50
mA
µA
mA
VRUN
RUN Input Threshold
VRUN Rising
VRUN Hysteresis
1.95
2.25
250
2.45
V
mV
IRUN
RUN Input Pull-Up Current
VRUN1,2 = TBDV
1.5
µs
VUVLO
Undervoltage Lockout Threshold
VCC Rising
VCC Hysteresis
l
100
3.0
V
mV
ISS
Soft-Start Pin Output Current
VSS = 0V
2.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com