Electronic Components Datasheet Search
  English  ▼

X  

LTC3860 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3860
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 28Page - Linear Technology LTC3860 Datasheet HTML 29Page - Linear Technology LTC3860 Datasheet HTML 30Page - Linear Technology LTC3860 Datasheet HTML 31Page - Linear Technology LTC3860 Datasheet HTML 32Page - Linear Technology LTC3860 Datasheet HTML 33Page - Linear Technology LTC3860 Datasheet HTML 34Page - Linear Technology LTC3860 Datasheet HTML 35Page - Linear Technology LTC3860 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3860

3860f
Typical applicaTions
Dual Output—3-Channel + Single Channel, Sychronized to External Clock
VCC
FB1
COMP1
VSNSOUT
VSNSN
VSNSP
COMP2
FB2
RUN1
ILIM1
ISNS1P
ISNS1N
ISNS2N
ISNS2P
ILIM2
RUN2
VDIFF
VOSN
VOSP
VCC
VCC
RUN1
TRACK/SS1
PWM2
LTC3860
0.01µF
470µF
4.7µF
22µF
1µF
VIN
7V TO 14V
VCC
5V
RUN1
VDIFF1
CLOCKIN
600kHz
SYNC INPUT
TRACK/SS1
100k
49.9k
OPEN
(OPT)
OPEN
(OPT)
OPEN
(OPT)
OPEN
(OPT)
PWM1
IAVG1
PWM3
100pF
2.2
0.22µF
SW1
SW2
DRMDISABLE
DRMBIAS1
VDRIVE
0.22µF
0.22µF
VCC
VCC
47pF
1000pF
COMP1
470pF
4.7k
220
20k
20k
47pF
1000pF
470pF
4.7k
220
VDIFF4
20k
10k
45.3k
4.7µF
1µF
VIN
2.2
VIN
0.22µF
DRMBIAS2
VDRIVE
4.7µF
VCC
22µF
4.7µF
1µF
2.3k
2.3k
VCC
FB1
COMP1
VSNSOUT
VSNSN
VSNSP
COMP2
FB2
RUN1
ILIM1
ISNS1P
ISNS1N
ISNS2N
ISNS2P
ILIM2
RUN2
VOS4P
VOS4N
VCC
COMP1
PWM4
LTC3860
470µF
4.7µF
22µF
47µF
6.3V
6
0.3µH
0.3µH
0.3µH
0.3µH
1µF
VIN
7V TO 14V
VCC
5V
RUN1
TRACK/SS1
IAVG1
49.9k
49.9k
OPEN
(OPT)
OPEN
(OPT)
OPEN
(OPT)
45.3k
100k
VCC
OPEN
(OPT)
2.2
0.22µF
SW3
SW4
3860 TA05
DRMDISABLE
DRMBIAS3
VDRIVE
0.22µF
0.22µF
0.01µF
RUN2
VCC
4.7µF
1µF
VIN
2.2
VIN
0.22µF
DRMBIAS4
VDRIVE
330µF
2.5V
6
VOUT1
1.2V
75A
4.7µF
VCC
22µF
4.7µF
1µF
2.32k
2.32k
47
VOSP
47µF
3
330µF
3
VOUT4
1.8V
25A
47
VOS4P
VCIN
DISABLE
PWM
VIN
R2J20601
REG5V BOOT
VSWH
VLDRV
CGND
PGND
VCIN
DISABLE
PWM
VIN
R2J20601
REG5V BOOT
VSWH
VLDRV
CGND
PGND
VCIN
PWM
DISABLE
VIN
R2J20601
REG5V BOOT
VSWH
VLDRV
CGND
PGND
VCIN
PWM
DISABLE
VIN
R2J20601
REG5V BOOT
VSWH
VLDRV
CGND
PGND
47
VOSN
47
VOS4N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com