Electronic Components Datasheet Search
  English  ▼

X  

MPC8323E Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
30
Freescale Semiconductor
JTAG
10.2
JTAG AC Electrical Characteristics
This section describes the AC electrical specifications for the IEEE Std. 1149.1 (JTAG) interface of the
MPC8323E. Table 32 provides the JTAG AC timing specifications as defined in Figure 19 through
Figure 22.
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—±5
μA
Table 32. JTAG AC Timing Specifications (Independent of CLKIN)1
At recommended operating conditions (see Table 2).
Parameter
Symbol2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
—
JTAG external clock cycle time
t JTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
11
—
ns
—
JTAG external clock rise and fall times
tJTGR, tJTGF
02
ns
—
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
4
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
10
10
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
2
2
15
15
ns
5
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
2
2
—
—
ns
5
Table 31. JTAG Interface DC Electrical Characteristics (continued)
Characteristic
Symbol
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com