Electronic Components Datasheet Search
  English  ▼

X  

MPC8323E Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
41
TDM/SI
Figure 31 and Figure 32 represent the AC timing from Table 45. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 31 shows the SPI timing in slave mode (external clock).
Figure 31. SPI AC Timing in Slave Mode (External Clock) Diagram
Figure 32 shows the SPI timing in master mode (internal clock).
Figure 32. SPI AC Timing in Master Mode (Internal Clock) Diagram
17 TDM/SI
This section describes the DC and AC electrical specifications for the time-division-multiplexed and serial
interface of the MPC8323E.
17.1
TDM/SI DC Electrical Characteristics
Table 46 provides the DC electrical characteristics for the MPC8323E TDM/SI.
Table 46. TDM/SI DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –2.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.5
V
Input high voltage
VIH
—2.0
OVDD +0.3
V
SPICLK (Input)
tNEIXKH
tNEIVKH
tNEKHOV
Input Signals:
SPIMOSI
(See Note)
Output Signals:
SPIMISO
(See Note)
Note: The clock edge is selectable on SPI.
SPICLK (Output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO
(See Note)
Output Signals:
SPIMOSI
(See Note)
Note: The clock edge is selectable on SPI.
tNIIVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com