Electronic Components Datasheet Search
  English  ▼

X  

MPC8323E Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
79
Ordering Information
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins
while HRESET is asserted, is latched when HRESET deasserts, at which time the input receiver is disabled
and the I/O circuit takes on its normal function. Careful board layout with stubless connections to these
pull-up/pull-down resistors coupled with the large value of the pull-up/pull-down resistor should minimize
the disruption of signal quality or speed for output pins thus configured.
24.7
Pull-Up Resistor Requirements
The MPC8323E requires high resistance pull-up resistors (10 k
Ω is recommended) on open drain type pins
including I2C pins, Ethernet Management MDIO pin, and IPIC interrupt pins.
For more information on required pull-up resistors and the connections required for the JTAG interface,
see AN3361, “MPC8321E/MPC8323E PowerQUICC™ Design Checklist,” Rev. 1.
25 Ordering Information
This section presents ordering information for the devices discussed in this document, and it shows an
example of how the parts are marked. Ordering information for the devices fully covered by this document
is provided in Section 25.1, “Part Numbers Fully Addressed by This Document.”
25.1
Part Numbers Fully Addressed by This Document
Table 66 provides the Freescale part numbering nomenclature for the MPC8323E family. Note that the
individual part numbers correspond to a maximum processor core frequency. For available frequencies,
contact your local Freescale sales office. In addition to the maximum processor core frequency, the part
numbering scheme also includes the maximum effective DDR memory speed and QUICC Engine bus
frequency. Each part number also contains a revision code which refers to the die mask revision number.
Table 66. Part Numbering Nomenclature
MPC
nnnn
EC
VR
AF
DCA
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range1
Package2
e300 Core
Frequency3
DDR
Frequency
QUICC
Engine
Frequency
Revision
Level
MPC
8323
Blank = Not
included
E = included
Blank = 0 to
105
°C
C = –40 to
105
°C
VR = Pb-free
PBGA
ZQ = Pb
PBGA
AD = 266 MHz
AF = 333 MHz
D = 266 MHz C = 200 MHz Contact local
Freescale
sales office
Notes:
1. Contact local Freescale office on availability of parts with C temperature range.
2. See Section 21, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other maximum core
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com