Electronic Components Datasheet Search
  English  ▼

X  

MPC8323E Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
67
Clocking
22.4
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 58 shows the multiplication factor
encodings for the system PLL.
NOTE
System PLL VCO frequency = 2 × (CSB frequency) × (System PLL VCO
divider).
The VCO divider needs to be set properly so that the System PLL VCO
frequency is in the range of 300–600 MHz.
As described in Section 22, “Clocking,” the LBCM, DDRCM, and SPMF parameters in the reset
configuration word low and the CFG_CLKIN_DIV configuration input signal select the ratio between the
primary clock input (CLKIN or PCI_CLK) and the internal coherent system bus clock (csb_clk). Table 59
DDR1/DDR2 memory bus frequency (MCLK)2
133
MHz
Local bus frequency (LCLK
n)3
66
MHz
PCI input frequency (CLKIN or PCI_CLK)
66
MHz
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting csb_clk, MCLK,
LCLK[0:2], and
core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
2 The DDR1/DDR2 data rate is 2× the DDR1/DDR2 memory bus frequency.
3 The local bus frequency is 1/2, 1/4, or 1/8 of the lb_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1× or 2× the
csb_clk frequency (depending on RCWL[LBCM]).
Table 58. System PLL Multiplication Factors
RCWL[SPMF]
System PLL
Multiplication Factor
0000
Reserved
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6
0111–1111
Reserved
Table 57. Operating Frequencies for PBGA (continued)
Characteristic1
Max Operating Frequency
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com