Electronic Components Datasheet Search
  English  ▼

X  

MPC8323E Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
76
Freescale Semiconductor
System Design Information
interface. From this case temperature, the junction temperature is determined from the junction-to-case
thermal resistance.
TJ = TC + (RθJC × PD)
where:
TC = case temperature of the package (°C)
RθJC = junction-to-case thermal resistance (°C/W)
PD = power dissipation (W)
24 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC8323E.
24.1
System Clocking
The MPC8323E includes three PLLs.
•
The system PLL (AVDD2) generates the system clock from the externally supplied CLKIN input.
The frequency ratio between the system and CLKIN is selected using the system PLL ratio
configuration bits as described in Section 22.4, “System PLL Configuration.”
•
The e300 core PLL (AVDD3) generates the core clock as a slave to the system clock. The frequency
ratio between the e300 core clock and the system clock is selected using the e300 PLL ratio
configuration bits as described in Section 22.5, “Core PLL Configuration.”
•
The QUICC Engine PLL (AVDD1) which uses the same reference as the system PLL. The QUICC
Engine block generates or uses external sources for all required serial interface clocks.
24.2
PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins. The voltage
level at each AVDDn pin should always be equivalent to VDD, and preferably these voltages are derived
directly from VDD through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to
provide five independent filter circuits as illustrated in Figure 44, one to each of the five AVDD pins. By
providing independent filters to each PLL the opportunity to cause noise injection from one PLL to the
other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz
range. It should be built with surface mount capacitors with minimum effective series inductance (ESL).
Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook
of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a
single large value capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com