Electronic Components Datasheet Search
  English  ▼

X  

PAC407BCW Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAC407BCW Datasheet HTML 6Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 7Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 8Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 9Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 10Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 11Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 12Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 13Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
10
B
Invalid
Data
PX[7:0]
HSYNC
PXCK
GB
G
Figure 4.6 RAW Data Output Timing
Invalid
Data
PX[7:0]
HSYNC
PXCK
R4
R3
R2
R1
R0
G5
G4
G3
First Byte
Second Byte
G2
G1
G0
B4
B3
B2
B1
B0
PX[7]
PX[6]
PX[5]
PX[4]
PX[3]
PX[2]
PX[1]
PX[0]
PX[7]
PX[6]
PX[5]
PX[4]
PX[3]
PX[2]
PX[1]
PX[0]
Y1H
Y1L
Y2H
Y2L
Figure 4.7 RGB565 Output Timing
Y
Invalid
Data
PX[7:0]
HSYNC
PXCK
Cb
Y
Cr
Figure 4.8 YCbCr422 Output Timing
Since the output stream of YCbCr422 or RGB565 format is two times then sensor raw data output, we
should double the pixel clock rate while data format is in YCbCr422 or RGB565 mode.
The minimum of Np=1 in sensor timing generator that means the pixel clock rate is the same as system
clock rate. Noticed that Np=1 can only be used in sensor raw data mode. When PAC407 is operated in
YCbCr422 or RGB565 mode, the minimum of Np should be 2. Besides, when Np is odd number, the duty
cycle of PXCK will not be 50%.
Note: The detail timing description for raw data output format could be found in PAS302 spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com