Electronic Components Datasheet Search
  English  ▼

X  

PAC407BCW Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAC407BCW Datasheet HTML 11Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 12Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 13Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 14Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 15Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 16Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 17Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 18Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 19Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
15
6. Electrical Characteristics
Absolute Maximum Ratings
Ambient Storage Temperature
-40℃ ~ +125℃
VCC
3V
VDDA
3V
VDDMA
4V
Supply Voltages ( with respect to Ground )
VDDMD
4V
All Input / Output Voltages (with respect to Ground)
-0.3V to VDDMD + 1V
Lead Temperature, Surface-mount process
+230℃
ESD Rating, Human Body model
2000V
DC Electrical Characteristics (Ta =0℃ ~ 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type: PWR
VDDA
DC Supply voltage – Analog Power
2.4
2.5
2.6
V
VCC
DC Supply voltage – Digital Power
2.4
2.5
2.6
V
VDDMA/MD DC Supply voltage – Main Analog/Digital
2.8
-
3.3
V
IDD
Operating
Current
VDDMA/MD = 3.3V 15 fps
-
24.4
-
mA
IPWDN
Power Down
Current
VDDMA/MD = 3.3V
15 fps
-
35
-
µA
Type: IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
0.7 x
VDDMD
V
VIL
Input voltage LOW
0.3 x
VDDMD
V
CIN
Input capacitor
10
pF
Type: OUT & I/O for PXD0:7, PXCK, H/VSYNC & SDA, load 10pf, 1.2kΩ,2.5volts
VOH
Output voltage HIGH
0.9 x
VDDMD
V
VOL
Output voltage LOW
0.1 x
VDDMD
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
SYSCLK Master clock frequency
26
MHz
PXCK
Pixel clock output frequency (when YUV out)
26
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com