Electronic Components Datasheet Search
  English  ▼

X  

PAC407BCW Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button PAC407BCW Datasheet HTML 15Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 16Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 17Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 18Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 19Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 20Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 21Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 22Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
19
8.
Package Specification
8.1. PAC407BCW
Dimensions
Symbol
Nominal
Min.
Max.
Unit
Package Body Dimension X
A
4340
4315
4365
µm
Package Body Dimension Y
B
4755
4730
4780
µm
Package Height
C
800
740
860
µm
Ball Height
C1
160
130
190
µm
Package Body Thickness
C2
640
605
675
µm
Thickness of Glass surface to wafer
C3
415
395
435
µm
Ball Diameter
D
300
270
330
µm
Total Pin Count
N
22
-
-
Ball
Pin Count X axis
N1
5
-
-
µm
Pin Count Y axis
N1
5
-
-
µm
Pin Pitch X axis
J1
800
-
-
µm
Pin Pitch Y axis
J2
800
-
-
µm
Edge to Pin Center Distance along X
S1
570
540
600
µm
Edge to Pin Center Distance along Y
S2
777.5
747.5
807.5
µm
Edge to Optical Center Distance along X
E
2254.16
2229.16
2279.16
µm
Edge to Optical Center Distance along Y
F
1832.84
1807.84
1857.84
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com