Electronic Components Datasheet Search
  English  ▼

X  

PAC407BCW Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAC407BCW
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC407BCW Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAC407BCW Datasheet HTML 8Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 9Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 10Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 11Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 12Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 13Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 14Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 15Page - Pixart Imaging Inc. PAC407BCW Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
PAC407BCA/PAC407BCW
CMOS Image Sensor IC
Version 1.7, 13 Sep
2004
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
12
5.2. Data Transfer Format
5.2.1. Master transmits data to slave (write cycle)
S: Start
A: Acknowledge by slave
P: Stop
RW: The LSB of 1ST byte to decide whether current cycle is read or write cycle.
If RW=1 that means read cycle, if RW=0 that means write cycle.
SUBADDRESS:
The
address
values
of
PAC407
internal
control
registers
(Please refer to PAC407 register description)
During the write cycle, the master generates start condition and then places the 1st byte data that
combined slave address (7 bits) with a read/write control bit on SDA line. After slave(PAC407) issues
acknowledgment, the master places 2nd byte (sub-address) data on SDA line. And then following the
slave’s( PAC407) acknowledgment, the master places the 8 bits data on SDA line and transmit to PAC407
control register (address was assigned by 2nd byte). After PAC407 issue acknowledgment, the master can
generate a stop condition to end this write cycle. In the condition of multi-byte write, the PAC407
sub-address will be increased automatically after each DATA byte has been transferred. The Data and A
cycles are repeated until last byte write. Every control registers value inside PAC407 can be programming
via this way. (Please refer to Figure 5.3.)
5.2.2. Slave transmits data to master (read cycle)
The sub-address was assigned by previous write cycle
The sub-address is automatically increased after each byte read
Am : Acknowledged by master
Note there is no acknowledgment from master after last byte read
S
SLAVE ADDRESS
(7 BITS)
RW
A
DATA (8 BIT)
Am
DATA
1
P
1ST BYTE
2ND BYTE
n BYTE
NO ACK IN LAST
BYTE
Am
DATA
S
SLAVE ID (7 BIT)
RW
A
SUBADDRESS (8 BIT)
A
DATA
P
A
1ST BYTE
2ND BYTE
n BYTEs + A
MSB
LSB=0
A
DATA
S
SLAVE ID (7 BIT)
RW
A
SUBADDRESS (8 BIT)
A
DATA
P
A
1ST BYTE
2ND BYTE
n BYTEs + A
MSB
LSB=0
A
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com