Electronic Components Datasheet Search
  English  ▼

X  

G6Z Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G6Z
Description  High-frequency Relay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G6Z Datasheet HTML 4Page - Omron Electronics LLC G6Z Datasheet HTML 5Page - Omron Electronics LLC G6Z Datasheet HTML 6Page - Omron Electronics LLC G6Z Datasheet HTML 7Page - Omron Electronics LLC G6Z Datasheet HTML 8Page - Omron Electronics LLC G6Z Datasheet HTML 9Page - Omron Electronics LLC G6Z Datasheet HTML 10Page - Omron Electronics LLC G6Z Datasheet HTML 11Page - Omron Electronics LLC G6Z Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
348
High-frequency Relay
G6Z
+
−
7
4
1
10 9
8
12
13
14
5
3
7
4
1
10 9
8
12
13
14
5
3
+
−
S
−
+
R
G6Z-1P
20
8.9
3
3-0.4
8-0.6
2.54
7.62
15.24
8.6
0.2
0.18
7.62
15.24
7.62
2.54
7.62
Eight, 1.0-dia. holes
Three, 1.6-dia.
Eight, 1.8-dia.
Three, 0.8-dia. holes
Orientation mark
G6ZU-1P
Orientation mark
G6Z-1P
G6ZU-1P
Mounting Dimensions (Bottom View)
Tolerance:
±0.1 mm
Terminal Arrangement/Internal
Connections (Bottom View)
Note: Each value has a tolerance of
±0.3 mm.
(Coil
terminal)
+
−
7
4
1
10 9
8
12
13
14
5
3
7
4
1
10 9
8
12
13
14
5
3
+
−
S
−
+
R
15.24
7.62
2.54
7.62
Eleven, 1.0-dia. holes
Eleven, 1.8-dia.
Orientation mark
Orientation mark
20
8.9
3
2.54
11-0.6
7.62
15.24
8.6
0.2
0.18
7.62
G6Z-1P-A
G6ZU-1P-A
G6Z-1P-A
G6ZU-1P-A
Mounting Dimensions (Bottom View)
Tolerance:
±0.1 mm
Terminal Arrangement/Internal
Connections (Bottom View)
Note: Each value has a tolerance of
±0.3 mm.
(Coil
terminal)
7
6
1
11
10 9
8
12
13
14
S
− +
R
− +
20
8.9
3
3-0.4
7-0.6
2.54
7.62
15.24
8.6
0.2
0.18
7.62
15.24
7.62
2.54
7.62
Seven, 1.0-dia. holes
Three, 1.6-dia.
Seven, 1.8-dia.
Three, 0.8-dia. holes
Orientation mark
G6ZK-1PE
Mounting Dimensions (Bottom View)
Tolerance:
±0.1 mm
Terminal Arrangement/Internal
Connections (Bottom View)
Note: Each value has a tolerance of
±0.3 mm.
(Coil
terminal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com