Electronic Components Datasheet Search
  English  ▼

X  

G6Z Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6Z
Description  High-frequency Relay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6Z Datasheet HTML 1Page - Omron Electronics LLC G6Z Datasheet HTML 2Page - Omron Electronics LLC G6Z Datasheet HTML 3Page - Omron Electronics LLC G6Z Datasheet HTML 4Page - Omron Electronics LLC G6Z Datasheet HTML 5Page - Omron Electronics LLC G6Z Datasheet HTML 6Page - Omron Electronics LLC G6Z Datasheet HTML 7Page - Omron Electronics LLC G6Z Datasheet HTML 8Page - Omron Electronics LLC G6Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
344
High-frequency Relay
G6Z
Characteristics
Note: 1. The above values are initial values.
2. The contact resistance was measured with 10 mA at 1 VDC with a voltage drop method.
3. Values in parentheses are typical values.
4. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those used for checking the
dielectric strength.
Engineering Data
Item
Non-latching
models
Single coil latching
models
Dual coil latching
models
G6Z-1P(E), G6Z-1F(E)
G6ZU-1P(E), G6ZU-1F(E)
G6ZK-1P(E), G6ZK-1F(E)
Contact resistance (See note 2)
100 m
Ω max.
Operating (set) time (See note 3)
10 ms max. (approx. 3.5 ms) 10 ms max. (approx. 2.5 ms)
Release (reset) time (See note 3)
10 ms max. (approx 2.5 ms)
Set/reset time
---
12 ms
Insulation resistance (See note 4)
100 M
Ω min. (at 500 VDC)
Dielectric strength
Coil and contacts
1,000 VAC, 50/60 Hz for 1 min.
Coil and ground,
contacts and ground
500 VAC, 50/60 Hz for 1 min.
Contacts of same
polarity
500 VAC, 50/60 Hz for 1 min.
Vibration resistance
Mechanical durability
10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Malfunction durability
10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Mechanical durability
1,000 m/s2
Malfunction durability
500 m/s2
Service life
Mechanical
1,000,000 operations min. (at 36,000 operations/hour)
Electrical
300,000 operations min. (30 VAC, 10 mA/30 VDC, 10 mA), 100,000 operations min.
(900 MHz, 10 W) at a switching frequency of 1,800 operations/hour
Ambient temperature
Operating: -40
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85% RH
Weight
Approx. 2.8 g
Ambient temperature (
°C)
−40
−20
250
200
150
100
50
0
020
40
60
80
100
G6Z
G6ZU
G6ZK
Ambient temperature (
°C)
Max. estimated value
−60
−40
100
90
80
70
60
50
40
30
20
10
0
0
−20
20
40
60
80 100
max.
max.
avg.
min.
min.
avg.
Must operate voltage
Must release voltage
Z
Z'
Y
Y'
X
X'
200
400
600
800
1,000
1,000
1,000
1,000
1,000
800
600
400
200
1,000
Shock direction
Unit:
m/s2
Sample:
G6Z-1P-A 50
Ω
5 VDC
Number of relays: 5
X
X'
Not
energized
Energized
Z
Z'
Y
Y'
Ambient Temperature vs.
Maximum Voltage
Ambient Temperature vs. Must
Operate or Must Release Voltage
Sample: G6Z-1P 5 VDC
Number of relays: 5
Shock Malfunction
Conditions: Shock is applied in
±X, ±Y, and ±Z
directions three times each with and
without energizing the Relays to check
for contact malfunctions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com