Electronic Components Datasheet Search
  English  ▼

X  

G6Z Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6Z
Description  High-frequency Relay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6Z Datasheet HTML 1Page - Omron Electronics LLC G6Z Datasheet HTML 2Page - Omron Electronics LLC G6Z Datasheet HTML 3Page - Omron Electronics LLC G6Z Datasheet HTML 4Page - Omron Electronics LLC G6Z Datasheet HTML 5Page - Omron Electronics LLC G6Z Datasheet HTML 6Page - Omron Electronics LLC G6Z Datasheet HTML 7Page - Omron Electronics LLC G6Z Datasheet HTML 8Page - Omron Electronics LLC G6Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
High-frequency Relay
G6Z
343
■ Coil Ratings
Non-latching, Standard and Reverse-contact Models G6Z-1P(E), G6Z-1F(E)
Single Coil Latching Models G6ZU-1P(E), G6ZU-1F(E)
Dual Coil Latching Models G6ZK-1P(E), G6ZK-1F(E)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
4. The voltage measurements for operate/release and set/reset are the values obtained for instantaneous changes in the voltage
(rectangular wave).
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Must operate
voltage
(VDC)
Must dropout
voltage
(VDC)
Maximum
voltage
(VDC)
Power
consumption
(mW)
3
66.7
45
75% max. of
rated voltage
10% min. of
rated voltage
150% of rated
voltage
Approx. 200
4.5
44.4
101
5
40.0
125
9
22.2
405
12
16.7
720
24
8.3
2,880
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Must set
voltage
(VDC)
Must reset
voltage
(VDC)
Maximum
voltage
(VDC)
Power
consumption
(mW)
3
66.7
45
75% max. of
rated voltage
75% max. of
rated voltage
150% of rated
voltage
Approx. 200
4.5
44.4
101
5
40.0
125
9
22.2
405
12
16.7
720
24
8.3
2,880
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Must set
voltage
(VDC)
Must reset
voltage
(VDC)
Maximum
voltage
(VDC)
Power
consumption
(mW)
3
120
25
75% max. of
rated voltage
75% max. of
rated voltage
150% of rated
voltage
Approx. 360
4.5
80
56
572
69
9
40
225
12
30
400
24
15
1,600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com