Electronic Components Datasheet Search
  English  ▼

X  

G6Z Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6Z
Description  High-frequency Relay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6Z Datasheet HTML 1Page - Omron Electronics LLC G6Z Datasheet HTML 2Page - Omron Electronics LLC G6Z Datasheet HTML 3Page - Omron Electronics LLC G6Z Datasheet HTML 4Page - Omron Electronics LLC G6Z Datasheet HTML 5Page - Omron Electronics LLC G6Z Datasheet HTML 6Page - Omron Electronics LLC G6Z Datasheet HTML 7Page - Omron Electronics LLC G6Z Datasheet HTML 8Page - Omron Electronics LLC G6Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
342
High-frequency Relay
G6Z
Application Examples
These Relays can be used for switching signals in media equipment.
• Wire communications:
Cable TV (STB and broadcasting infrastructure), cable modems, and VRS (video response systems)
• Wireless communications:
Transceivers, ham radios, ETC, ITS, high-level TV, satellite broadcasting, text multiplex broadcasting, mobile phone
stations, TV broadcasting facilities, community antenna systems and car navigation systems
• Entertainment equipment:
TVs, video games, satellite radio units,
• Industrial equipment:
Measuring equipment, test equipment, and multiplex transmission devices
Specifications
■ Contact Ratings
Note: This value is for an impedance of 50
Ω or 75 Ω with a V.S.W.R. of 1.2 max.
■ High-frequency Characteristics
Note: 1. The above values are initial values.
2. These values are for an impedance of 50
Ω or 75 Ω with a V.S.W.R. of 1.2 max.
Load type
Resistive load
Contact Material
Au clad Cu alloy
Rated load
10 mA at 30 VAC; 10 mA at 30 VDC; 10 W at 900 MHz (See note)
Rated carry current
0.5 A
Max. switching voltage
30 VAC, 30 VDC
Max. switching current
0.5 A
Frequency
900 MHz
2.6 GHz
Terminal type
Through hole
Surface mount
Through hole
Surface mount
Terminal structure
E-shape
Y-shape
E-shape
Y-shape
E-shape
Y-shape
E-shape
Y-shape
Isolation
75
Ω
65 dB min.
60 dB min.
35 dB min. 45 dB min. 30 dB min. 40 dB min.
50
Ω
60 dB min.
Insertion loss (not
including substrate loss)
75
Ω
0.2 dB max.
0.5 dB max.
50
Ω
0.1 dB max.
0.3 dB max.
V.S.W.R.
75
Ω
1.2 max.
1.5 max.
50
Ω
1.1 max.
1.3 max.
Return loss
75
Ω
20.8 dB max.
14.0 dB max.
50
Ω
26.4 dB max.
17.7 dB max.
Maximum carry power
10 W (See note 2)
Maximum switching power
10 W (See note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com