Electronic Components Datasheet Search
  English  ▼

X  

G6Z Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6Z
Description  High-frequency Relay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6Z Datasheet HTML 1Page - Omron Electronics LLC G6Z Datasheet HTML 2Page - Omron Electronics LLC G6Z Datasheet HTML 3Page - Omron Electronics LLC G6Z Datasheet HTML 4Page - Omron Electronics LLC G6Z Datasheet HTML 5Page - Omron Electronics LLC G6Z Datasheet HTML 6Page - Omron Electronics LLC G6Z Datasheet HTML 7Page - Omron Electronics LLC G6Z Datasheet HTML 8Page - Omron Electronics LLC G6Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
High-frequency Relay
G6Z
345
Note: 1. The tests were conducted at an ambient temperature of 23
°C.
2. The contact resistance data are periodically measured reference values and are not values from monitoring each operation. Contact
resistance values will vary according to the switching frequency and operating environment, so be sure to check operation under the
actual operating conditions before use.
Operating frequency (
×103 operations)
100
80
60
40
20
0
Must operate
Must release
max.
max.
min.
min.
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load at 30 VAC
Switching frequency: 1,800 operations/h
0.0001 0.001
0.01
0.1
1
10
100
Operating frequency (
×103 operations)
100
80
60
40
20
0
0.0001 0.001
0.01
0.1
1
10
100
Must operate
Must release
max.
max.
min.
min.
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load at 30 VDC
Switching frequency: 1,800 operations/h
Electrical Endurance (with Must
Operate and Must Release Voltage)
Electrical Endurance (with Must
Operate and Must Release Voltage)
Operating frequency (
×103 operations)
1,000
700
500
300
70
50
30
10
100
0.001 0.01
0.1
1
10
100 1,000
max.
max.
min.
min.
Contact resistance
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load
at 30 VDC
Switching frequency: 1,800 operations/h
Operating frequency (
×103 operations)
1,000
700
500
300
70
50
30
10
100
0.001 0.01
0.1
1
10
100 1,000
max.
max.
min.
min.
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load
at 30 VAC
Switching frequency: 1,800 operations/h
Contact resistance
NO
contact
NC
contact
Electrical Endurance
(Contact Resistance)
Electrical Endurance
(Contact Resistance)
NO
contact
NC
contact
External magnetic field (A/m)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
(Average value)
Sample: G6Z-1P 5 VDC
Number of Relays: 5
Must operate voltage
Must release voltage
S
N
External magnetic field (A/m)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
(Average value)
Sample: G6Z-1P 5 VDC
Number of Relays: 5
Must operate voltage
Must release voltage
SN
External magnetic field (A/m)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
(Average value)
Sample: G6Z-1P 5 VDC
Number of Relays: 5
Must operate voltage
Must release voltage
External Magnetic Interference
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com