Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317L Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCLM317L
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317L Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCLM317L Datasheet HTML 1Page - Unisonic Technologies UTCLM317L Datasheet HTML 2Page - Unisonic Technologies UTCLM317L Datasheet HTML 3Page - Unisonic Technologies UTCLM317L Datasheet HTML 4Page - Unisonic Technologies UTCLM317L Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC LM317L LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R101-008,A
SCHEMATIC DIAGRAM
TEST CIRCUIT
R1
R2
R3
R4
R5
R6
Q4
Q3
Q5
Q8
R7
Q6
R8
Q9
Q7
R9
R10 R11 R12
Q11 Q12
R13
Q13
Q14
Q15
Q17
Q16
R15
Q10
Q19
Q18
Q20
Q21
R16
C3
R20
R21
R17
R19
R18
Q25
R25
Q26
R26
D2
R23
D3
R24
OUTPUT
R14
R22
INPUT
Q1
D1
Q2
ADJUST
Q22
C1
C2
LM317L
Vi
Vo
3
2
1
Vref
R1
R2
Iadj
Cin
0.1
µF
Cout
1
µF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com