Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317L Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCLM317L
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317L Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCLM317L Datasheet HTML 1Page - Unisonic Technologies UTCLM317L Datasheet HTML 2Page - Unisonic Technologies UTCLM317L Datasheet HTML 3Page - Unisonic Technologies UTCLM317L Datasheet HTML 4Page - Unisonic Technologies UTCLM317L Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC LM317L LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R101-008,A
ELECTRICAL CHARACTERISTICS(Vi-Vo=5V, Io=40mA, 0<=Tj<=125
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line Regulation
∆Vo
Vi-Vo=3~40V
IL<20mA
Tj=25
°C
0.01
0.04
%/V
0.02
0.07
%/V
Load Regulation
∆Vo
Vo<=5V
Io=5~100mA
Tj=25
°C
5
25
mV
20
70
mV
Vo>=5V
Io=5~100mA
Tj=25
°C
0.1
0.5
%
0.3
1.5
%
Adjustment Pin Current
IADJ
50
100
µA
Adjustment Pin Current
∆IADJ
Vi-Vo=3~40V
Io=5~100mA, Pd< 625 mW
0.2
5
µA
Reference Voltage
VREF
Vi-Vo=3~40V
Io=5~100 mA , Pd< 625 mW
1.2
1.25
1.3
V
Output Voltage Temperature Stability
∆Vo/Vo
0.7
%
Minimum Load Current
Io(min)
Vi-Vo=40V
3.5
5
mA
Maximum Output Current
Io(max)
Vi-Vo=3~13V
Vi-Vo=40V
100
200
50
mA
Output Noise Voltage
(Percentance of Vo)
eN
B=10Hz~10KHz
Tj=25
°C
0.003
%
Supply Voltage Rejection(*)
SVR
Tj=25
°C
f=120Hz
CADJ=0
65
dB
CADJ=10
µF
66
80
dB
(*) CADJ is connected between Adjust pin and Ground.
100
200
300
I0
(mA)
0
10
20
30
VIN-VOUT(V)
Tj=25¢XC
CURRENT LIMIT
I0
(mA)
0
10
20
30
VIN-VOUT(V)
Tj=25¢XC
MINIMUM OPERATING CURRENT
0.5
1.0
1.5
2.0
2.5
3.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com