Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317L Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLM317L
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317L Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLM317L Datasheet HTML 1Page - Unisonic Technologies UTCLM317L Datasheet HTML 2Page - Unisonic Technologies UTCLM317L Datasheet HTML 3Page - Unisonic Technologies UTCLM317L Datasheet HTML 4Page - Unisonic Technologies UTCLM317L Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC LM317L LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R101-008,A
LOW CURRENT 1.25V TO 37V
ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317L is a monolithic integrated
circuit, designed for use as positive adjustable voltage
regulator. It is designed to supply until 100mA of load
current with an output voltage adjustable over a 1.25V
to 37V range.
FEATURES
*Output voltage range: 1.25V to 37V
*Output current in excess of 100mA
*Line regulation typ.
0.01%
*Load regulation typ.
0.1%
*Thermal overload protection
*Short circuit protection
*Output transistor safe area compensation
*Floating operation for high voltage applications
TO-92
1
SOP-8
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
NC
VOUT
VOUT
VIN
UTC
LM317L
ADJ
VOUT
VOUT
NC
3
ADJUST
OUT
IN
2
1
TO-92 Plastic Package
Bottom View
SOP-8 PACKAGE
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
VALUE
UNIT
Input-Output Differential Voltage
Vi-Vo
40
V
Power Dissipation
Pd
Internally Limited
Operating Junction Temperature Range
Topr
0~125
°C
Storage Temperature Range
Tstr
-55 ~ 150
°C


Similar Part No. - UTCLM317L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - UTCLM317L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
logo
Unisonic Technologies
LM317L UTC-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L ETL-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317L UTC-LM317L_16 Datasheet
196Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_V01 Datasheet
428Kb / 6P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com