Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317L Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCLM317L
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317L Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCLM317L Datasheet HTML 1Page - Unisonic Technologies UTCLM317L Datasheet HTML 2Page - Unisonic Technologies UTCLM317L Datasheet HTML 3Page - Unisonic Technologies UTCLM317L Datasheet HTML 4Page - Unisonic Technologies UTCLM317L Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTC LM317L LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R101-008,A
Io=
Vref
R1
+ IADJ
≅
1.25V
R1
LM317L
Vi
3
2
1
R1
240
Ω
DIGITAL INPUTS(R2 sets maximun Vo)
Vo
R2
DIGITALLY SELECTED OUTPUTS
LM317L
Vi
Vo
3
2
1
R1
Io
IADJ
CURRENT REGULATOR
LM317L
Vi
0.1
µF
25
µF
Vo=15V
3
2
1
R3
R2
R1
C1
C2
2.7K
Ω
240
Ω
2N2907
50K
Ω
D1
1N4001
SLOW TURN-ON 15V REGULATOR
LM317L
Vi
0.1
µF
Vo=5V
3
2
1
R2
R1
TTL
INPUT
C1
720Ω
240
Ω
7V to
35V
0.1
µF
C2
2N2219
5V ELECTRONIC SHUT-DOWN REGULATOR
LM317L
Vi
0.1
µF
1
µF
Vo
3
2
1
R1
R2
ADJ
D1
1N4001
1N4001
D2
C3
C1
5K
Ω
10
µF
C2
240
Ω
VOLTAGE REGULATOR WITH PROTECTION DIODES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com