Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317L Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCLM317L
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317L Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCLM317L Datasheet HTML 1Page - Unisonic Technologies UTCLM317L Datasheet HTML 2Page - Unisonic Technologies UTCLM317L Datasheet HTML 3Page - Unisonic Technologies UTCLM317L Datasheet HTML 4Page - Unisonic Technologies UTCLM317L Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC LM317L LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R101-008,A
APPLICATION INFORMATION
The UTC LM317L provides an internal reference voltage of 1.25V between the output and adjustments terminals.
This is used to set a constant current flow across an external resistor divider, giving an output voltage VO of:
VO=VREF (1+R2/R1) + IADJ R2
The device is designed to minimize the term IADJ (100
µA max) and to maintain it very constant with line and load
changes. Usually, the error term IADJ. R2 can be neglected. To obtain the previous requirement, all the regulator
quiescent current is returned to the output terminal, imposing a minimum load current condition. If the load is
insufficient, the output voltage will rise. The UTC LM317L is a floating regulator, input-output differential voltage,
supplies of very high voltage with respect to ground can be regulated as long as the maximum input-output differential
is not exceeded. Furthermore, programmable regulators are easily obtainable and, by connecting a fixed resistor
between the adjustment and output, the device can be used as a precision current regulator.
LM317L
Vi
Vo
3
2
1
Vref
R1
R2
Iadj
I1
BASIC ADJUSTABLE REGULATOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com