Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
48
February 1, 2010
Pulling the RES Pin low using external hardware will
also execute a device reset. In this case, as in the
case of other resets, the Program Counter will reset to
zero and program execution initiated from this point.
· Low Voltage Reset
- LVR
The microcontroller contains a low voltage reset circuit
in order to monitor the supply voltage of the device,
which is selected via a configuration option. If the supply
voltage of the device drops to within a range of
0.9V~VLVR such as might occur when changing the bat-
tery, the LVR will automatically reset the device inter-
nally. The LVR includes the following specifications: For
a valid LVR signal, a low voltage, i.e., a voltage in the
range between 0.9V~VLVR must exist for greater than
the value tLVR specified in the A.C. characteristics. If the
low voltage state does not exceed tLVR, the LVR will ig-
nore it and will not perform a reset function. One of a
range of specified voltage values for VLVR can be se-
lected using configuration options.
· Watchdog Time-out Reset during Normal Operation
The Watchdog time-out Reset during normal opera-
tion is the same as a hardware RES pin reset except
that the Watchdog time-out flag TO will be set to
²1².
· Watchdog Time-out Reset during SLEEP or IDLE
Mode
The Watchdog time-out Reset during SLEEP or IDLE
Mode is a little different from other kinds of reset. Most
of the conditions remain unchanged except that the
Program Counter and the Stack Pointer will be
cleared to
²0² and the TO flag will be set to ²1². Refer
to the A.C. Characteristics for tSST details.
Note:
The tSST is 15~16 clock cycles if the system
clock source is provided by ERC or HIRC. The
tSST is 1024 clock for HXT or LXT. The tSST is
1~2 clock for LIRC.
Reset Initial Conditions
The different types of reset described affect the reset
flags in different ways. These flags, known as PDF and
TO are located in the status register and are controlled
by various microcontroller operations, such as the
SLEEP or IDLE Mode function or Watchdog Timer. The
reset flags are shown in the table:
TO PDF
RESET Conditions
0
0
Power-on reset
uu
RES or LVR reset during NORMAL or
SLOW Mode operation
1u
WDT time-out reset during NORMAL or
SLOW Mode operation
11
WDT time-out reset during IDLE or SLEEP
Mode operation
Note:
²u² stands for unchanged
The following table indicates the way in which the vari-
ous components of the microcontroller are affected after
a power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins
counting
Timer/Event
Counter
Timer Counter will be turned off
Input/Output Ports
I/O ports will be setup as inputs,
and AN0~AN11 in as A/D input
pin.
Stack Pointer
Stack Pointer will point to the top
of the stack
t R S T D + t S S T
W D T T i m e - o u t
I n t e r n a l R e s e t
Note: tRSTD is power-on delay, typical time=100ms
WDT Time-out Reset during Normal Operation
Timing Chart
t S S T
W D T T i m e - o u t
I n t e r n a l R e s e t
WDT Time-out Reset during SLEEP or IDLE
Timing Chart
L V R
I n t e r n a l R e s e t
t R S T D + t S S T
Note: tRSTD is power-on delay, typical time=100ms
Low Voltage Reset Timing Chart
R E S
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D + t S S T
Note: tRSTD is power-on delay, typical time=100ms
RES Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com