Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
31
February 1, 2010
¨ HT66F50/HT66F60
Name
Bit
76543210
EEA
D7
D6
D5
D4
D3
D2
D1
D0
EED
D7
D6
D5
D4
D3
D2
D1
D0
EEC
¾¾¾¾
WREN
WR
RDEN
RD
· EEA Register
¨ HT66F20
Bit
76543210
Name
¾¾¾
D4
D3
D2
D1
D0
R/W
¾¾¾
R/W
R/W
R/W
R/W
R/W
POR
¾¾¾
xxxxx
²x² unknown
Bit7~5
Unimplemented, read as
²0²
Bit4~0
Data EEPROM address
Data EEPROM address bit 4 ~ bit 0
¨ HT66F30
Bit
76543210
Name
¾¾
D5
D4
D3
D2
D1
D0
R/W
¾¾
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾¾
xxxxxx
²x² unknown
Bit7~6
Unimplemented, read as
²0²
Bit5~0
Data EEPROM address
Data EEPROM address bit 5 ~ bit 0
¨ HT66F40
Bit
76543210
Name
¾
D6
D5
D4
D3
D2
D1
D0
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
xxxxxxx
²x² unknown
Bit 7
Unimplemented, read as
²0²
Bit6~0
Data EEPROM address
Data EEPROM address bit 6 ~ bit 0
¨ HT66F50/HT66F60
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
xxxxxxxx
²x² unknown
Bit7~0
Data EEPROM address
Data EEPROM address bit 7 ~ bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com