Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT66FU30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
Rev. 1.10
1
February 1, 2010
General Description
The HT66FXX series of devices are Flash Memory A/D
type 8-bit high performance RISC architecture
microcontrollers. Offering users the convenience of Flash
Memory multi-programming features, these devices also
include a wide range of functions and features. Other
memory includes an area of RAM Data Memory as well as
an area of EEPROM memory for storage of non-volatile
data such as serial numbers, calibration data etc.
Analog features include a multi-channel 12-bit A/D con-
verter and dual comparator functions. Multiple and ex-
tremely flexible Timer Modules provide timing, pulse
generation and PWM generation functions. Communica-
tion with the outside world is catered for by including fully
integrated SPI or I
2C interface functions, two popular inter-
faces which provide designers with a means of easy com-
munication with external peripheral hardware. Protective
features such as an internal Watchdog Timer, Low Voltage
Reset and Low Voltage Detector coupled with excellent
noise immunity and ESD protection ensure that reliable
operation is maintained in hostile electrical environments.
A full choice of HXT, LXT, ERC, HIRC and LIRC oscilla-
tor functions are provided including a fully integrated
system oscillator which requires no external compo-
nents for its implementation. The ability to operate and
switch dynamically between a range of operating
modes using different clock sources gives users the
ability to optimise microcontroller operation and mini-
mise power consumption.
The UART module is contained in the HT66FUx0 series of
devices. It can support the applications such as data com-
munication networks between microcontrollers, low-cost
data links between PCs and peripheral devices, portable
and battery operated device communication, etc.
The inclusion of flexible I/O programming features,
Time-Base functions along with many other features en-
sure that the devices will find excellent use in applica-
tions such as electronic metering, environmental
monitoring, handheld instruments, household appli-
ances, electronically controlled tools, motor driving in
addition to many others.
Features
CPU Features
· Operating Voltage:
f
SYS= 8MHz: 2.2V~5.5V
f
SYS= 12MHz: 2.7V~5.5V
f
SYS= 20MHz: 4.5V~5.5V
· Up to 0.2ms instruction cycle with 20MHz system
clock at V
DD=5V
· Power down and wake-up functions to reduce power
consumption
· Five oscillators:
External Crystal -- HXT
External 32.768kHz Crystal -- LXT
External RC -- ERC
Internal RC -- HIRC
Internal 32kHz RC -- LIRC
· Multi-mode operation: NORMAL, SLOW, IDLE and
SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz
oscillator requires no external components
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· Up to 12-level subroutine nesting
· Bit manipulation instruction
Peripheral Features
· Flash Program Memory: 1K´14 ~ 12K´16
· RAM Data Memory: 64´8 ~ 576´8
· EEPROM Memory: 32´8~256´8
· Watchdog Timer function
· Up to 50 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD driver with
1/2 bias
· Multiple pin-shared external interrupts
· Multiple Timer Module for time measure, input
capture, compare match output, PWM output or
single pulse output function
· Serial Interfaces Module -- SIM for SPI or I2C
· Dual Comparator functions
· Dual Time-Base functions for generation of fixed time
interrupt signals
· Multi-channel 12-bit resolution A/D converter
· Low voltage reset function
· Low voltage detect function
· Optional peripheral -- UART module for fully duplex
asynchronous communication
· Wide range of available package types
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT66FU30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FU30 HOLTEK-HT66FU30 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT66FU30 HOLTEK-HT66FU30 Datasheet
2Mb / 259P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
March 15, 2011
HT66FU30 HOLTEK-HT66FU30 Datasheet
2Mb / 244P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
October 24, 2011
HT66FU30 HOLTEK-HT66FU30 Datasheet
10Mb / 298P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
February 18, 2013
More results

Similar Description - HT66FU30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
March 15, 2011
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
October 24, 2011
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
February 18, 2013
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
March 20, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com