Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
27
February 1, 2010
Bank Pointer
- BP
Depending upon which device is used, the Program and
Data Memory are divided into several banks. Selecting
the required Program and Data Memory area is
achieved using the Bank Pointer. Bit 5 of the Bank
Pointer is used to select Program Memory Bank 0 or 1,
while bits 0~2 are used to select Data Memory Banks
0~4.
The Data Memory is initialised to Bank 0 after a reset,
except for a WDT time-out reset in the Power Down
Mode, in which case, the Data Memory bank remains
unaffected. It should be noted that the Special Function
Data Memory is not affected by the bank selection,
which means that the Special Function Registers can be
accessed from within any bank. Directly addressing the
Data Memory will always result in Bank 0 being ac-
cessed irrespective of the value of the Bank Pointer. Ac-
cessing data from banks other than Bank 0 must be
implemented using Indirect addressing.
As both the Program Memory and Data Memory share
the same Bank Pointer Register, care must be taken
during programming.
Device
Bit
76543210
HT66F20
HT66F40
¾¾¾¾¾¾¾
DMBP0
HT66F30
HT66F50
¾¾¾¾¾¾
DMBP1
DMBP0
HT66F60
¾¾
PMBP0
¾¾
DMBP2
DMBP1
DMBP0
BP Registers List
· BP Register
¨ HT66F20/HT66F40
Bit
76543210
Name
¾¾¾¾¾¾¾
DMBP0
R/W
¾¾¾¾¾¾¾
R/W
POR
¾¾¾¾¾¾¾
0
Bit7~1
Unimplemented, read as
²0²
Bit 0
DMBP0: Select Data Memory Banks
0: Bank 0
1: Bank 1
¨ HT66F30/HT66F50
Bit
76543210
Name
¾¾¾¾¾¾
DMBP1
DMBP0
R/W
¾¾¾¾¾¾
R/W
R/W
POR
¾¾¾¾¾¾
00
Bit7~2
Unimplemented, read as
²0²
Bit1~0
DMBP1, DMBP0: Select Data Memory Banks
00: Bank 0
01: Bank 1
10: Bank 2
11: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com