Electronic Components Datasheet Search
  English  ▼

X  

HT66FU30 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT66FU30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU30 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT66FU30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66FU30 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
34
February 1, 2010
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. The flexible features of the oscillator functions
ensure that the best optimisation can be achieved in
terms of speed and power saving. Oscillator selections
and operation are selected through a combination of
configuration options and registers.
Oscillator Overview
In addition to being the source of the main system clock
the oscillators also provide clock sources for the Watch-
dog Timer and Time Base Interrupts. External oscilla-
tors requiring some external components as well as fully
integrated internal oscillators, requiring no external
components, are provided to form a wide range of both
fast and slow system oscillators. All oscillator options
are selected through the configuration options. The
higher frequency oscillators provide higher performance
but carry with it the disadvantage of higher power re-
quirements, while the opposite is of course true for the
lower frequency oscillators. With the capability of dy-
namically switching between fast and slow system
clock, the device has the flexibility to optimize the perfor-
mance/power ratio, a feature especially important in
power sensitive portable applications.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~
20MHz
OSC1/
OSC2
External RC
ERC
8MHz
OSC1
Internal High
Speed RC
HIRC
4, 8 or 12MHz
¾
External Low
Speed Crystal
LXT
32.768kHz
XT1/
XT2
Internal Low
Speed RC
LIRC
32kHz
¾
Oscillator Types
System Clock Configurations
There are five methods of generating the system clock,
three high speed oscillators and two low speed oscilla-
tors. The high speed oscillators are the external crystal/
ceramic oscillator, external RC network oscillator and
the internal 4MHz, 8MHz or 12MHz RC oscillator. The
two low speed oscillators are the internal 32kHz RC os-
cillator and the external 32.768kHz crystal oscillator. Se-
lecting whether the low or high speed oscillator is used
as the system oscillator is implemented using the
HLCLK bit and CKS2 ~ CKS0 bits in the SMOD register
and as the system clock can be dynamically selected.
HXT
ERC
HIRC
LIRC
LXT
6-stage Prescaler
High Speed Oscillation
Low Speed Oscillation
Low Speed Oscillation
Configuration Option
High Speed Oscillation
Configuration Option
fH
fH/2
fH/4
fH/8
fH/16
fH/32
fH/64
fL
HLCLK,
CKS2~CKS0 bits
Fast Wake-up from SLEEP Mode or
IDLE Mode Control (for HXT only)
fSYS
fSUB
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com