Electronic Components Datasheet Search
  English  ▼

X  

WM8181 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8181 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Advanced Information
WM8181
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
5
TEST CHARACTERISTICS
AVDD = DVDD = 2.97 to 3.63V and 4.5 to 5.5V, AGND1 = AGND2 = DGND = 0V, TA = 0 to 70
°C, MCLK = 24MHz
unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL SPECIFICATION
Digital Inputs
High level input voltage
VIH
0.8
∗ DVDD
V
Low level input voltage
VIL
0.2
∗ DVDD
V
High level input current
<1
µA
Low level input current
<1
µA
Input capacitance
5pF
Digital Outputs
High level output voltage
IOH = 1mA
DVDD - 0.5
V
Low level output voltage
IOL = -1mA
0.5
V
High impedance output current
<1
µA
OVERALL SYSTEM SPECIFICATION
Supply Currents
Total analogue supply current –
active
AVDD = DVDD = 5V
AVDD = DVDD = 3.3V
21
19
mA
mA
Total digital supply current –
active
AVDD = DVDD = 5V
AVDD = DVDD = 3.3V
2
1
mA
mA
Supply current – disabled
AVDD = DVDD = 5V
AVDD = DVDD = 3.3V
<1
<1
µA
µA
MCLK
VSMP
DOUT
t
MCLKH
t
MCLKL
t
PER
t
VSMPSU
t
VSMPH
SAMPLE n
t
PD
n-2 D[11]
n-2 D[10]
n-2 D[9]
Figure 1 Clock Inputs and Data Output
TEST CHARACTERISTICS
AVDD = DVDD = 2.97 to 3.63V and 4.5 to 5.5V, AGND1 = AGND2 = DGND = 0V, TA = 0 to 70
°C, MCLK = 24MHz
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum MCLK period
tPER
41.7
ns
MCLK high
tMCLKH
16
ns
MCLK low
tMCLKL
16
ns
VSMP data set-up time
tVSMPSU
10
ns
VSMP data hold time
tVSMPH
10
ns
MCLK to DOUT
propagation delay
tPD
AVDD = DVDD = 5V
10
ns
MCLK to DOUT
propagation delay
tPD
AVDD = DVDD = 3.3V
15
ns
Note: Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com