Electronic Components Datasheet Search
  English  ▼

X  

WM8181 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8181 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
WM8181
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
6
MCLK
VSMP
DOUT
DON'T CARE
64 MCLK Rising Edges
t
PZD
Hi-Z
t
PZE
t
PD
Hi-Z
Figure 2 Power Down/Power Up
TEST CHARACTERISTICS
AVDD = DVDD = 2.97 to 3.63V and 4.5 to 5.5V, AGND1 = AGND2 = DGND = 0V, TA = 0 to 70
°C, MCLK = 24MHz
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSMP to DOUT enabled
tPZE
10
ns
VSMP to DOUT enabled
tPZE
AVDD = DVDD = 3.3V
10
ns
MCLK to DOUT disabled
tPZD
10
ns
MCLK to DOUT disabled
tPZD
AVDD = DVDD = 3.3V
10
ns
MCLK to DOUT
propagation delay
tPD
10
ns
MCLK to DOUT
propagation delay
tPD
AVDD = DVDD = 3.3V
15
ns
Note:
Parameters are measured at 50% of the rising/falling edge.
MCLK
VSMP
INPUT
VIDEO
(CCD)
t
VSU
t
VH
VIDEO
(CIS)
Figure 3 Input Video Timing
TEST CHARACTERISTICS
AVDD = DVDD = 2.97 to 3.63V and 4.5 to 5.5V, AGND1 = AGND2 = DGND = 0V, TA = 0 to 70
°C, MCLK = 24MHz
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input video set-up time
tVSU
10
ns
Input video hold time
tVH
20
ns
Notes: 1.
tVSU and tRSU denote the set-up time required from when the input video signal has settled.
2.
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com