Electronic Components Datasheet Search
  English  ▼

X  

WM8181 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
WM8181
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
10
SYSTEM
ASIC
CIS
SENSOR
V
OUT
WM8181
VSMP
DOUT
MCLK
VINP
VINM
CLAMP
VREFIN
V R T
V R B
EXACT CIRCUITRY
MAY VARY
DEPENDING ON
SENSOR USED
BLACK
REFERENCE
LEVEL
SET VOLTAGE TO MATCH V
PP FROM
SENSOR OR TIE TO AVDD TO SET
FULL-SCALE INPUT TO 1.5V
Figure 6 d.c. Coupled Positive Video
Some of the newer CIS devices have a reference voltage that corresponds closely to the black level.
In most cases this reference voltage cannot be applied directly to the VINM pin because the black
video output can go below this value and will be outside the range of the ADC. To overcome this,
VINM should be driven from a voltage that is slightly more negative than the CIS reference voltage.
This is shown in Figure 7. The input current to VINM is small but care should be taken to ensure that
R2 and R3 do not load the CIS reference circuit.
SYSTEM
ASIC
CIS
SENSOR
V
OUT
WM8181
VSMP
DOUT
MCLK
VINP
VINM
CLAMP
V
REF
VREFIN
V R T
V R B
EXACT CIRCUITRY
MAY VARY
DEPENDING ON
SENSOR USED
SET VOLTAGE TO MATCH V
PP FROM
SENSOR OR TIE TO AVDD TO SET
FULL-SCALE INPUT TO 1.5V
Figure 7 CIS with Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com