Electronic Components Datasheet Search
  English  ▼

X  

WM8181 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8181 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Advanced Information
WM8181
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
7
DEVICE DESCRIPTION
INTRODUCTION
The WM8181 is a serial output ADC that is designed to digitise analogue signals directly from CIS
and CCD sensors. The reset or reference level and video level from the sensor outputs are sampled
using an internal Sample and Hold circuit with an optional black level Clamp. The difference between
the sampled levels is passed onto a pipeline ADC with internally generated references where it is
converted into a 12-bit digital output. Please refer to the block diagram shown on page 1.
GENERAL OPERATION
SAMPLE AND HOLD
The WM8181 Sample and Hold samples signals from the VINP and VINM inputs. VINM and VINP
are connected to the sensor video output and a black level reference. No external buffering is
required as long as the input signals have settled before the samples are taken. The black level
reference can be provided by either the sensor or a separate circuit. Both inputs are sampled
simultaneously and the difference is passed on to the ADC to be converted.
For positive-going sensor outputs, VINP is used to input the video signal and VINM is used as the
black level reference. For negative-going sensor outputs, VINM is used as the video input and VINP
is used as the black level reference.
CLAMP
For a.c. (capacitively) coupled CCD signals, VINP and VINM may be connected together via the
optional internal clamp switch, which is controlled by the CLAMP pin. The switch is closed during the
reset period of the sensor output and open during the video period, allowing reset level clamping to
be performed. This ensures that the input signal is maintained within the input voltage limits of the
device, and that the true value of the video signal is processed.
ADC
The ADC converts the differential output from the Sample and Hold into 12-bit digital data ensuring
no missing codes in the final digitised output. The 12-bit parallel output from the ADC is transformed
into serial format, which is available to the user at the DOUT pin, MSB first.
REFERENCES
The WM8181 has internally generated references, which are controlled via the VREFIN pin. These
references are used to set the upper (VRT) and lower limits (VRB) of the ADC range and the full-
scale input range (VINP – VINM) of the device.
If VREFIN is tied to AVDD, the internal bandgap generator is used to determine the full-scale range.
If VREFIN is not tied to AVDD, the full-scale range is determined by the voltage on the VREFIN pin.
This is shown in Table 1. The ADC reference voltages, VRT and VRB, are driven onto the VRT and
VRB pins by internal amplifiers in the WM8181. Only external decoupling capacitors are required for
the VRT and VRB pins.
SUPPLY (V)
VREFIN (V)
REFERENCE
CONTROL
INPUT VOLTAGE
(VINP-VINM) FOR
ZERO (0) OUTPUT
CODE
INPUT VOLTAGE (VINP-
VINM) FOR FULL-SCALE
(+4095) OUTPUT CODE
5
AVDD
Internal
0
1.5
5
0.5 - 2
External
0
VREFIN
3.3
AVDD
Internal
0
1.5
3.3
0.75 – 1.5
External
0
VREFIN
Table 1
VREFIN and ADC Input Voltage Requirements for Internal and External
Reference Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com