Electronic Components Datasheet Search
  English  ▼

X  

WM8816 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8816 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Advanced Information
WM8816
WOLFSON MICROELECTRONICS LTD
AI Rev 1.1 September 2000
7
REGISTER MAP
ADDRESS BYTE BITS
DATA BYTE
REGISTER
7
6
5
4
3
2
1
0
MSB…LSB
Function
Peak Detector Status
CR4
X
1
0
1
1
R/W
X
X
Output code
00000000
00000001
00000010
00000011
No overload
Right overload
Left overload
Both overload
Peak Detector
Reference
CR3
X
1
1
0
0
R/W
X
X
Input code
11111111
11111110
11111101
:
00000010
00000001
00000000
DAC output
255/256
× 18V
254/256
× 18V
253/256
× 18V
:
2/256
× 18V
1/256
× 18V
AGND
Left Channel Gain
CR2
X
1
1
0
1
R/W
X
X
Input code
11111111
11111110
11111101
:
11100000
00000010
00000001
00000000
Gain dB
+15.5
+15.0
+14.5
:
0.0
-111.0
-111.5
mute
Right Channel Gain
CR1
X
1
1
1
0
R/W
X
X
Input code
11111111
11111110
11111101
:
11100000
00000010
00000001
00000000
Gain dB
+15.5
+15.0
+14.5
:
0.0
-111.0
-111.5
mute
Test, CR5
X1
1
1
1
R/W
X
X
Reserved
Both Channel Gains
X
1
0
0
1
W
X
X
Write to both gain registers
Table 1 Register Map Description
Notes:
1.
Address bit 2 is the read / write bit (1 for read, 0 for write).
2.
X are don’t cares, set to 1 for minimum power consumption.
3.
All registers are set to their default value (all zeros) during power-on reset, except CR3 which is set to 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com